Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32C87 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # 32C87
Description  RENESAS MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C87 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button 32C87 Datasheet HTML 26Page - Renesas Technology Corp 32C87 Datasheet HTML 27Page - Renesas Technology Corp 32C87 Datasheet HTML 28Page - Renesas Technology Corp 32C87 Datasheet HTML 29Page - Renesas Technology Corp 32C87 Datasheet HTML 30Page - Renesas Technology Corp 32C87 Datasheet HTML 31Page - Renesas Technology Corp 32C87 Datasheet HTML 32Page - Renesas Technology Corp 32C87 Datasheet HTML 33Page - Renesas Technology Corp 32C87 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 91 page
background image
M32C/87 Group (M32C/87, M32C/87A, M32C/87B)
4. Special Function Registers (SFRs)
REJ03B0127-0151 Rev.1.51 Jul 31, 2008
Page 30 of 85
Table 4.4
SFR Address Map (4/20)
X: Undefined
Blank spaces are all reserved. No access is allowed.
Address
Register
Symbol
After Reset
0090h
UART0 Transmit/NACK Interrupt Control Register
S0TIC
XXXX X000b
0091h
UART1/UART4 Bus Conflict Detection Interrupt Control Register
BCN1IC/BCN4IC
XXXX X000b
0092h
UART1 Transmit/NACK Interrupt Control Register
S1TIC
XXXX X000b
0093h
Key Input Interrupt Control Register
KUPIC
XXXX X000b
0094h
Timer B0 Interrupt Control Register
TB0IC
XXXX X000b
0095h
II/O Interrupt Control Register 1 / CAN1 Interrupt Control Register 1
IIO1IC/CAN4IC
XXXX X000b
0096h
Timer B2 Interrupt Control Register
TB2IC
XXXX X000b
0097h
II/O Interrupt Control Register 3
IIO3IC
XXXX X000b
0098h
Timer B4 Interrupt Control Register
TB4IC
XXXX X000b
0099h
II/O Interrupt Control Register 5 /CAN1 Interrupt Control Register 2
IIO5IC/CAN5IC
XXXX X000b
009Ah
INT4 Interrupt Control Register
INT4IC
XX00 X000b
009Bh
II/O Interrupt Control Register 7
IIO7IC
XXXX X000b
009Ch
INT2 Interrupt Control Register
INT2IC
XX00 X000b
009Dh
II/O Interrupt Control Register 9 / CAN0 Interrupt Control Register 0
IIO9IC/CAN0IC
XXXX X000b
009Eh
INT0 Interrupt Control Register
INT0IC
XX00 X000b
009Fh
Exit Priority Register
RLVL
XXXX 0000b
00A0h
Interrupt Request Register 0
IIO0IR
0000 000Xb
00A1h
Interrupt Request Register 1
IIO1IR
0000 000Xb
00A2h
Interrupt Request Register 2
IIO2IR
0000 000Xb
00A3h
Interrupt Request Register 3
IIO3IR
0000 000Xb
00A4h
Interrupt Request Register 4
IIO4IR
0000 000Xb
00A5h
Interrupt Request Register 5
IIO5IR
0000 000Xb
00A6h
Interrupt Request Register 6
IIO6IR
0000 000Xb
00A7h
Interrupt Request Register 7
IIO7IR
0000 000Xb
00A8h
Interrupt Request Register 8
IIO8IR
0000 000Xb
00A9h
Interrupt Request Register 9
IIO9IR
0000 000Xb
00AAh
Interrupt Request Register 10
IIO10IR
0000 000Xb
00ABh
Interrupt Request Register 11
IIO11IR
0000 000Xb
00ACh
00ADh
00AEh
00AFh
00B0h
Interrupt Enable Register 0
IIO0IE
00h
00B1h
Interrupt Enable Register 1
IIO1IE
00h
00B2h
Interrupt Enable Register 2
IIO2IE
00h
00B3h
Interrupt Enable Register 3
IIO3IE
00h
00B4h
Interrupt Enable Register 4
IIO4IE
00h
00B5h
Interrupt Enable Register 5
IIO5IE
00h
00B6h
Interrupt Enable Register 6
IIO6IE
00h
00B7h
Interrupt Enable Register 7
IIO7IE
00h
00B8h
Interrupt Enable Register 8
IIO8IE
00h
00B9h
Interrupt Enable Register 9
IIO9IE
00h
00BAh
Interrupt Enable Register 10
IIO10IE
00h
00BBh
Interrupt Enable Register 11
IIO11IE
00h
00BCh
00BDh
00BEh
00BFh
to
00DFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com