Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0502 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV0502
Description  CCD SENSORS ANALOG PROCESSOR IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0502 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV0502 Datasheet HTML 3Page - STMicroelectronics STV0502 Datasheet HTML 4Page - STMicroelectronics STV0502 Datasheet HTML 5Page - STMicroelectronics STV0502 Datasheet HTML 6Page - STMicroelectronics STV0502 Datasheet HTML 7Page - STMicroelectronics STV0502 Datasheet HTML 8Page - STMicroelectronics STV0502 Datasheet HTML 9Page - STMicroelectronics STV0502 Datasheet HTML 10Page - STMicroelectronics STV0502 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction-ambient Thermal Resistance
Max.
65
oC/W
ELECTRICAL CHARACTERISTICS
Tamb = 25
oC, VDD = VCC = 5V, unless otherwise specified
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY
VCC, VDD All Supplies
4.5
5
5.5
V
ISUP
Total Current Consumption
VCC = VDD = 5V
40
55
70
mA
CMOS DIGITAL INPUTS
VIL
VIH
Low Level Input Voltage
High Level Input Voltage
0.7 VDD
0.3 VDD
V
V
IIL
IIH
Low Level Input Current
High Level Input Current
-1.0
1.0
µA
µA
CMOS DIGITAL OUTPUTS (4mA drivers)
VOL
VOH
Low Level Output Voltage
High Level Output Voltage
2.4
0.4
V
V
IOL
IOH
Low Level Output Current
High Level Output Current
4.0
-4.0
mA
mA
SERIAL INTERFACE
Slevel
SDATA, SCLK Levels
CMOS
V
fCLK
Bus Clock Frequency
0.5
1
MHz
DutyC
Clock Duty Cycle
SCLK
40
50
60
%
tDR
Delay between CLK Rising Edge and Data Out
Read Mode, see Figure 5
300
500
700
ns
tDW
Delay between CLK Rising Edge and Data In
Write Mode, see Figure 5
300
500
700
ns
tR
Clock Rise Time
SCLK
200
ns
tF
Clock Fall Time
SCLK
200
ns
SDATA_IO
t
R
t
F
t
DR
t
DW
SCLK
Figure 5
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDD, VCC
Supply Voltage
-0.5, 7
V
VI
Digital Input Pin Voltage
-0.5, VDD + 0.5
V
II
Digital Input Pin Current
1.6
mA
Tstg
Storage Temperature
+80
oC
Toper
Operating Temperature
0, +70
oC
Tlead
Lead Temperature (10s Max.)
+260
oC
ESD : The STV0502 withstands 2kV in Human Body Model and 100V in Machine Model for all Pins versus
VDD and VSS.
STV0502
7/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com