Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0502 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STV0502
Description  CCD SENSORS ANALOG PROCESSOR IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0502 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STV0502 Datasheet HTML 4Page - STMicroelectronics STV0502 Datasheet HTML 5Page - STMicroelectronics STV0502 Datasheet HTML 6Page - STMicroelectronics STV0502 Datasheet HTML 7Page - STMicroelectronics STV0502 Datasheet HTML 8Page - STMicroelectronics STV0502 Datasheet HTML 9Page - STMicroelectronics STV0502 Datasheet HTML 10Page - STMicroelectronics STV0502 Datasheet HTML 11Page - STMicroelectronics STV0502 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ELECTRICAL CHARACTERISTICS
Tamb = 25
oC, VDD = VCC = 5V, unless otherwise specified (continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIDEO CDS
RIN
Input Resistance
Pin 4
8
11
14
k
CIN
Input Capacitance
Pin 4
6
pF
INDyn
Input Dynamic Range
Pin 4, before output clipping
0.6
0.7
VPP
CDS_SR
S/H Slew Rate
Pin 2, FS high
0.6
0.9
V/15ns
CDS_DR
S/H Droop Rate
Pin 2, FS low
-20
+20
mV/
µs
CDS_HM
S/H Hold Mode Feed through
Pin 2, FS low, fIN = 1MHz
-55
-45
dB
CDS_lin
CDS Linearity
Pin 2, 500mVPP (1)
0.3
1.5
%
CDS Gain
Overall Input to Output Gain
Pin 2, normal operation
-2
-1
0
dB
ROUT
CDS Output Impedance
Pin 2, FCDS & FS high
250
OUTload
CDS Ouput Load
100
FS
PS Pulse Width
See timings
12
ns
FCDS
FSDS Pulse Width
See timings
12
ns
PIX_FRE
Pixel Rate
Pins 4, 21, 22
6
12
MHz
PSRR
Power Supply Rejection
Measured on Pin 2 (2)
60
dB
VIDEO AMPLIFIER
RIN
Input Resistance
Pin 1
2
k
CIN
Input Capacitance
Serial bus from H00 to HFF
18
pF
Min. Gain
Max. Gain
Minimum Gain
Maximum Gain
Serial bus = H00/no extra gain
Serial bus = HFF/no extra gain
23.2
6
23.7
6.5
dB
dB
Min. Gain
Max. Gain
Minimum Gain
Maximum Gain
Serial bus = H00/extra gain
Serial bus = HFF/extra gain
35.2
12
35.7
12.5
dB
dB
Gset-err
Gain Setting Relative Error
Serial bus from H00 to HFF
-0.5
0.5
dB
Out_Max
Max. Output Signal before clipping
Pin 38, VCC = 4.5V
G = 6dB, VIN = 0.8VPP
G = 23.7dB, VIN = 0.1VPP
1.6
1.6
VPP
VPP
tR
Output Rise Time
Square input
10
15
ns
tF
Output Fall Time
Square input
10
15
ns
tPROP
AGC Propagation Time
Pin 1 to Pin 38
15
20
ns
PSRR
Power Supply Rejection
Measured on Pin 38 (2)
45
dB
Xtalk
Xtalk from Video to Audio
Measured on Pin 38, compared
to Pins 20 and 21 (2)
60
dB
Notes : 1. Normal operation means FS & FCDS run at specified timings and 12MHz frequency.
2. On a 20Hz to 10MHz frequency range, with 10
µF filtering capacitors on all supplies, and well splitted supplies and grounds.
STV0502
8/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com