Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0502 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV0502
Description  CCD SENSORS ANALOG PROCESSOR IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0502 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV0502 Datasheet HTML 2Page - STMicroelectronics STV0502 Datasheet HTML 3Page - STMicroelectronics STV0502 Datasheet HTML 4Page - STMicroelectronics STV0502 Datasheet HTML 5Page - STMicroelectronics STV0502 Datasheet HTML 6Page - STMicroelectronics STV0502 Datasheet HTML 7Page - STMicroelectronics STV0502 Datasheet HTML 8Page - STMicroelectronics STV0502 Datasheet HTML 9Page - STMicroelectronics STV0502 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
FUNCTIONAL DESCRIPTION (continued)
3.3 - Control Data
Video Amplifier Gain Control (8 bits used)
Address
: 0000
POR value : 0000.0000 ---> 6dB
Gain is expressed from CDSoutput to ADC input
(ADC range 1.55VPP)
- 0.07dB / LSB step
- Overall range (256 steps) : 17.7dB
Video Gain (dB)
Data
6
0000.0000
6.07
0000.0001
6.14
0000.0010
...
...
7.12
0001.0000
7.19
0001.0001
...
...
23.63
1111.1110
23.7
1111.1111
Black Level Adjustment Control (5 bits used)
Address
: 0001
POR Value : 0001.0000 ---> 16LSB
The adjustment is controlling the black reference
voltage. However, it is preferred to express the
Black level adjustment in terms of the ADC output
code variation (in ADC LSBs, compared to the
nominal default setting) depending on the Black
setting.
Typically, 16 LSBs black level is recommended.
- 1 ADC LSBs / LSB step
- Overall range : 31 ADC LSBs
Black Level
(ADC Ouput Variation)
Data
0 LSBs
XXX0.0000
1 LSBs
XXX0.0001
...
...
30 LSBs
XXX1.1110
31 LSBs
XXX1.1111
Video High Gain Select (1 bit used)
Address
: 0001
POR Value : 0 ---> Nominal gain
This bit controls an extra 12dB gain in the video
path (adding to gain described in previous page).
Video High Gain Select
Data
Nominal Gain
XX0X.XXXX
Extra 12dB Gain
XX1X.XXXX
Video AGCOUT Test Signal ON/OFF (2 bits used)
Address
: 0001
POR Value : 00 ---> High Z pad
A pin is reserved to output the ADC input signal, or
input the ADC input signal for test and evaluation
purpose.
Those bits control the state of the output buffer. To
limit Xtalk and pollutions, the buffer is in High
impedance mode during normal operation.
VAGCOUT PIn State
Data
Normal Operation (High Z Pin)
00XX.XXXX
AGC Output Test
10XX.XXXX
ADC Input Test
11XX.XXXX
Microphone AGC Switch (1 bit used)
Address
: 0010
POR value : 0000.0000 ---> AGC OFF
The switch is controlling the state of the AGC : ON
or OFF.
In OFF mode, the Micro Preamp. is set at a fixed
nominal gain of 52dB.
In ON mode, the AGC is operating in a gain range
[34dB ; 60dB] (see further in this document for
details).
Microphone AGC
Data
OFF
0000.0000
ON
0000.0001
STV0502
6/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com