Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0502 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV0502
Description  CCD SENSORS ANALOG PROCESSOR IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0502 Datasheet(HTML) 4 Page - STMicroelectronics

  STV0502 Datasheet HTML 1Page - STMicroelectronics STV0502 Datasheet HTML 2Page - STMicroelectronics STV0502 Datasheet HTML 3Page - STMicroelectronics STV0502 Datasheet HTML 4Page - STMicroelectronics STV0502 Datasheet HTML 5Page - STMicroelectronics STV0502 Datasheet HTML 6Page - STMicroelectronics STV0502 Datasheet HTML 7Page - STMicroelectronics STV0502 Datasheet HTML 8Page - STMicroelectronics STV0502 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CDS_IN
FCDS
t1
t2
t4
t3
t
PROP
t
DADC
Pixel N
3 CLK Pipe-Line Delay
FS
CDS_OUT
ADC_IN
ADC_CLOCK
DATA_OUT
Sampling
Period
Pixel N+1
Pixel N+2
Pixel N+3
Pixel N+4
Pixel N+5
Pixel N-4
Pixel N-3
Pixel N-2
Pixel N-1
Pixel N
Pixel N+1
Pixel N
Pixel N+1
Pixel N+2
Pixel N+3
Pixel N+4
Notation :
- t1 is the delay between the falling edge of FCDS and the beginning of the active pixel level from the CCD.
- t2 is the delay between the falling edge of FS and the end of the active pixel level from the CCD.
t1, t2, t3 and t4 must be kept > 0 in the Application.
-tPROP is the propagation delay between CDS_OUT and ADC_IN signals (within the AGC block).
-tDADC is the delay on the ADC outputs between the rising edge of the clock and data output.
Figure 1
FUNCTIONAL DESCRIPTION (continued)
It is followed by a Voltage Controlled Amplifier
(range 8dB - 34dB), that can be switched into a
fixed 26dB gain amplifier.
The VCA output is differential and 2 buffers are
driving the two output pins, with a load impedance
down to 5k
Ω.
A bias circuitry and an external capacitor (ACC)
form a DC feedback loop on the VCA DC bias, in
order to correct any DC offset on the VCA output.
Finally, a peak detector (double alternance) is used
to compare the output signal with the reference
threshold, to be regulated at. An external capacitor
(CAGC) is used for the AGC time constants. If the
signal goes above the threshold, a 500
µA current
is charging the capacitor with a fast reponse
time(attack). In case of very big signals, a second
charge cureent of about 5mA is given, in order to
reduce the period during which the output signal is
saturated. Otherwise, a constant 1
µA current dis-
charges the capacitor with a slow response time
(decay). The capacitor voltage controls the VCA
gain. This constitues the AGC loop.
FS
CDS_OUT
FCDS
CDS_IN =
CCD Signal
Feedtrough Level
Signal Level
Figure 2
STV0502
4/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com