Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0502 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV0502
Description  CCD SENSORS ANALOG PROCESSOR IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0502 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV0502 Datasheet HTML 5Page - STMicroelectronics STV0502 Datasheet HTML 6Page - STMicroelectronics STV0502 Datasheet HTML 7Page - STMicroelectronics STV0502 Datasheet HTML 8Page - STMicroelectronics STV0502 Datasheet HTML 9Page - STMicroelectronics STV0502 Datasheet HTML 10Page - STMicroelectronics STV0502 Datasheet HTML 11Page - STMicroelectronics STV0502 Datasheet HTML 12Page - STMicroelectronics STV0502 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ELECTRICAL CHARACTERISTICS
Tamb = 25
oC, VDD = VCC = 5V, unless otherwise specified (continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
8 BITS ADC & OB CLAMP
OB_rise
OB High Time Constant
Pin 38, OB 0 to 1
4
mV/
µs
OB_decay
OB Low Time Constant
Pin 38, OB 1 to 0
-2
mV/ms
BLK_RAN
Black Level Adjust Range
Pins 8 to 15, OB high,
Serial bus from H00 to H1F
31
LSBs
BLK_res
Black Level Adjust Resolution
Pins 8 to 15, per serial bus LSB step
1
LSBs
BLK_LEV
Black Level Adjust
Pins 8 to 15
Bus = H00
Bus = H1F
29
0
31
2
33
LSBs
LSBs
ADC_DN
ADC Input Dynamic Range (output
from 0 to 255)
Pin 38 test signal above black
clamping level (VBOT)
1.4
1.55
1.7
VPP
fCLK
ADC Clock Frequency
Pin 24
12
MHz
tPCLK
Output Pipeline Delay (3)
From a sampling to data out
3
3
CLK
cycles
tDADC
Clock to Data Out (4)
CLK positive edge, CLOAD = 20pF
17
ns
RLADD
Ladder Resistance
Between Pins 36 and 37
330
VTOP
Top Reference Voltage
Pin 36
3.2
3.35
3.5
V
VBOT
Bottom Reference Voltage
Pin 37
1.71
1.8
1.89
V
ADC_lin
ADC Linearity
Data out, input signal between
[VBOT + 25mV ; VTOP - 25mV]
1%
Notes : 3. The signal is being sampled as long as ADC_CLK is high.
4. See Figure 6 for data reading timing constraint.
Sampling
Period
Pixel N
Data available
on falling edge of clock
t
DADC
Pixel N-4
Pixel N-3
Pixel N-2
Pixel N-1
Pixel N
ADC_IN
ADC_CLOCK
DATA_OUT
Pixel N+1
Figure 6
Due to tDADC, and to make sure the data are read when they are stable, please read the data on the falling
edge of the ADC clock.
STV0502
9/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com