Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0502 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV0502
Description  CCD SENSORS ANALOG PROCESSOR IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0502 Datasheet(HTML) 1 Page - STMicroelectronics

  STV0502 Datasheet HTML 1Page - STMicroelectronics STV0502 Datasheet HTML 2Page - STMicroelectronics STV0502 Datasheet HTML 3Page - STMicroelectronics STV0502 Datasheet HTML 4Page - STMicroelectronics STV0502 Datasheet HTML 5Page - STMicroelectronics STV0502 Datasheet HTML 6Page - STMicroelectronics STV0502 Datasheet HTML 7Page - STMicroelectronics STV0502 Datasheet HTML 8Page - STMicroelectronics STV0502 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
STV0502
CCD SENSORS ANALOG PROCESSOR IC
October 1998
.
SERIAL BUS CONTROL
VIDEO
.
CORRELATED DOUBLE SAMPLING OF THE
CCD SIGNAL
.
DIGITALLY CONTROLLED VARIABLE AMPLI-
FIER AND BLACK CLAMP LEVEL
.
8 BITS PIXEL RATE ADC
AUDIO
.
MICROPHONE PREAMP WITH SWITCHABLE
AGC (RANGE 34dB - 60dB) OR FIXED GAIN
DESCRIPTION
The chip integrates the analog functions needed in
a CCD Video Camera, more particularly for video-
conferencing purpose.
The CCD signal is sampled, amplified to a useful
level and digitized by an 8 bits ADC. The gain of the
amplifier and the black level clamp can be adjusted
by a serial bus.
The audio microphone preamplifier allows a micro-
phone to be connected to the chip, which outputs
a differential audio line level signal ready for digital
conversion or straight amplification. The preampli-
fier incorporates an AGC to adapt to the income
signal level. The AGC is switchable ON/OFF by the
serial interface.
TQFP44 Full (10 x 10 x 1.40mm)
(Plastic Quad Flat Pack)
ORDER CODE : STV0502
33
32
31
30
29
1
2
3
4
5
40
41
42
43
44
18 19 20 21 22
DATA6
DATA5
DATA4
AF_OUT-
AF_OUT+
V
CC
CAGC
8
9
10
11
7
6
16 17
14 15
12 13
28
27
26
25
24
23
39 38 37 36 35 34
SCLK
ADC_CLOCK
GND
MICRO_IN
MIC_REF
ACC
V
BIAS
DATA7
NOT USED
NOT USED
V
SS
VAGCIN
CDS_OUT
CDS_REF
CDS_IN
PIN CONNECTIONS
1/15


Similar Part No. - STV0502

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
STV05D03F SUPERWORLD-STV05D03F Datasheet
149Kb / 2P
1W 3kVdc Isolated Dual Output Surface Mount DC-DC Converter
STV05D05F SUPERWORLD-STV05D05F Datasheet
149Kb / 2P
1W 3kVdc Isolated Dual Output Surface Mount DC-DC Converter
STV05D09F SUPERWORLD-STV05D09F Datasheet
149Kb / 2P
1W 3kVdc Isolated Dual Output Surface Mount DC-DC Converter
STV05D12F SUPERWORLD-STV05D12F Datasheet
149Kb / 2P
1W 3kVdc Isolated Dual Output Surface Mount DC-DC Converter
STV05D15F SUPERWORLD-STV05D15F Datasheet
149Kb / 2P
1W 3kVdc Isolated Dual Output Surface Mount DC-DC Converter
More results

Similar Description - STV0502

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2027Q SONY-CXA2027Q Datasheet
287Kb / 18P
Analog signal processor IC
logo
Holtek Semiconductor In...
HT82V14 HOLTEK-HT82V14 Datasheet
115Kb / 12P
14-Bit CCD/CIS Analog Signal Processor
July 12, 2000
logo
Asahi Kasei Microsystem...
AK8430 AKM-AK8430 Datasheet
269Kb / 25P
6CH CCD SENSOR ANALOG PROCESSOR
logo
Cirrus Logic
CS7615 CIRRUS-CS7615 Datasheet
621Kb / 36P
CCD IMAGER ANALOG PROCESSOR
CS7622 CIRRUS-CS7622 Datasheet
348Kb / 36P
CCD Imager Analog Processor
CS7620 CIRRUS-CS7620 Datasheet
1Mb / 70P
CCD IMAGER ANALOG PROCESSOR
logo
Holtek Semiconductor In...
HT82V16 HOLTEK-HT82V16 Datasheet
139Kb / 12P
16-Bit CCD/CIS Analog Signal Processor
June 7, 2001
HT82V842A HOLTEK-HT82V842A Datasheet
230Kb / 18P
10-Bit 20MSPS CCD Analog Signal Processor
January 2, 2006
HT82V38 HOLTEK-HT82V38 Datasheet
137Kb / 16P
16-Bit CCD/CIS Analog Signal Processor
July 23, 2009
logo
Unisonic Technologies
M1008 UTC-M1008 Datasheet
372Kb / 11P
16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com