Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0502 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV0502
Description  CCD SENSORS ANALOG PROCESSOR IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0502 Datasheet(HTML) 2 Page - STMicroelectronics

  STV0502 Datasheet HTML 1Page - STMicroelectronics STV0502 Datasheet HTML 2Page - STMicroelectronics STV0502 Datasheet HTML 3Page - STMicroelectronics STV0502 Datasheet HTML 4Page - STMicroelectronics STV0502 Datasheet HTML 5Page - STMicroelectronics STV0502 Datasheet HTML 6Page - STMicroelectronics STV0502 Datasheet HTML 7Page - STMicroelectronics STV0502 Datasheet HTML 8Page - STMicroelectronics STV0502 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PINOUT DESCRIPTION
Pin
Signal
Ana./Dig.
Type
Description
1
VAGCIN
Analog
I
Video Variable Gain Input
2
CDS_OUT
Analog
O
CDS Output
3
CDS_REF
Analog
-
CDS Reference
4
CDS_IN
Analog
I
CDS Input
5VSS
Digital
-
ADC Data Ground
8
DATA[7]
Digital
O
ADC Output - MSB
9
DATA[6]
Digital
O
ADC Output
10
DATA[5]
Digital
O
ADC Output
11
DATA[4]
Digital
O
ADC Output
12
DATA[3]
Digital
O
ADC Output
13
DATA[2]
Digital
O
ADC Output
14
DATA[1]
Digital
O
ADC Output
15
DATA[0]
Digital
O
ADC Output - LSB
16
VDD
Digital
-
ADC Data Supply
17
VDD
Digital
-
Digital Supply
18
SDATA_IO
Digital
I/O
Serial Interface Data Wire
19
VSS
Digital
-
Digital Ground
20
OB
Digital
I
OB Pulse
21
FCDS
Digital
I
FCDS Pulse
22
FS
Digital
I
FS Pulse
23
SCLK
Digital
I
Serial Bus Clock Wire
24
ADC_CLOCK
Digital
I
ADC Clock Input Pulse
25
GND
Analog
-
Microphone Ground
26
MICRO_IN
Analog
-
Microphone Input
27
MICRO-REF
Analog
-
Microphone Internal Reference
28
ACC
Analog
-
Microphone Preamplifier DC Level Capacitor
29
CAGC
Analog
-
Microphone Preamplifier AGC Capacitor
30
AF_OUT+
Analog
O
Microphone Preamplifier Output (diff. +)
31
AF_OUT-
Analog
O
Microphone Preamplifier Output (diff. -)
32
VCC
Analog
-
Microphone Preamplifier Supply
33
VBIAS
Analog
-
Microphone Internal Supply (regulated)
34
VCC
Analog
-
ADC Supply
35
GND
Analog
-
ADC Ground
36
VTOP
Analog
-
ADC Top Reference
37
VBOT
Analog
-
ADC Bottom Reference
38
TEST ONLY
Analog
-
Test only (AGCOUT/ADCIN)
39
AGCLEVEL
Analog
-
Audio AGC Threshold Configuring Pin
40
OB_CAP
Analog
-
Black Clamp DC Loop Capacitor
42
BLACK_REF
Analog
-
Video Voltage Reference
43
VCC
Analog
-
Video Supply
44
GND
Analog
-
Video Ground
6-7
41
NC
NC
-
-
-
-
Not to be connected
Not to be connected
STV0502
2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com