Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0502 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV0502
Description  CCD SENSORS ANALOG PROCESSOR IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0502 Datasheet(HTML) 5 Page - STMicroelectronics

  STV0502 Datasheet HTML 1Page - STMicroelectronics STV0502 Datasheet HTML 2Page - STMicroelectronics STV0502 Datasheet HTML 3Page - STMicroelectronics STV0502 Datasheet HTML 4Page - STMicroelectronics STV0502 Datasheet HTML 5Page - STMicroelectronics STV0502 Datasheet HTML 6Page - STMicroelectronics STV0502 Datasheet HTML 7Page - STMicroelectronics STV0502 Datasheet HTML 8Page - STMicroelectronics STV0502 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
FUNCTIONAL DESCRIPTION (continued)
3 - Serial Bus Specification
It is a 2-wires (data and clock) serial bus, used as
a slave.
Clock line is monodirectional (input) and allways
sent by the master to the chip, whereas Data line
is bidirectional (I/O).
There are 3 registers (8 bits), both writable/readable.
Each register can be addressed by a 4 bits address
word, followed by a R/W bit, and an 8 bits word Data
(read/write).
2 main patterns can be sent : Reset Pattern and
Read/Write pattern.
3.1 -Timings and Protocol
The data bit is taken into account when the clock
is rising.
- Reset Pattern : resets all the registers to their
default (Power On) values :
format = 16 * (data=1) | 2 * (data=0)
(total = 18 clocks)
- Read/Write Pattern :
format = 4 addr bits | R/W bit | 8 data bits
(total = 13 clocks)
Please note that :
1/ On power On conditions, SDATA line is in Write
(Input) Mode.
2/ In case of a read pattern, the SDATA line is
automatically set to Read (Output mode) during
8 clock cycles (Data D7 - D0) after R/W bit has
been sent, and comes back in Write (Input
mode) after the 13th clock cycle.
3/ There is no timing restriction between two
consecutive patterns (a pattern being defined
as one of the two above).
3.2 - Register Summary
Register
Address
(A3-A0)
Data Format
(D7-D0)
Video Amplifier Gain
0000
DDDD.DDDD
Black Level Adjust
0001
XXXD.DDDD
Video High Gain Select
0001
XXDX.XXXX
Test Mode
0001
DDXX.XXXX
Microphone AGC
0010
XXXX.XXXD
X
: unused bits
D
: means useful bits
Please note that 3 different functions are merged
in register address 01.
CLK
SDATA
Reset Pattern
1
2
3
4
5
6
7
8
9
10111213141516
1
2
2 CLK Cycles
Minimum 16 CLK Cycles
Figure 3
CLK
SDATA
Read/Write Pattern
A3
A2
A1
A0
R/W
D7
D6
D5
D4
D3
D2
D1
D0
123456789
10
11
12
13
Figure 4
STV0502
5/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com