Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0502 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV0502
Description  CCD SENSORS ANALOG PROCESSOR IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0502 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV0502 Datasheet HTML 7Page - STMicroelectronics STV0502 Datasheet HTML 8Page - STMicroelectronics STV0502 Datasheet HTML 9Page - STMicroelectronics STV0502 Datasheet HTML 10Page - STMicroelectronics STV0502 Datasheet HTML 11Page - STMicroelectronics STV0502 Datasheet HTML 12Page - STMicroelectronics STV0502 Datasheet HTML 13Page - STMicroelectronics STV0502 Datasheet HTML 14Page - STMicroelectronics STV0502 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
I/O DIAGRAMS (continued)
27 MIC_REF
Figure 16 : MIC_REF
CAGC
29
Figure 18 : CAGC
ACC
28
Figure 17 : ACC
AF_OUT+,
AF_OUT-
Pins 30/31
10k
W
10k
W
Figure 19 : AF_OUT+, AF_OUT-
33 V
BIAS
22k
W
Figure 20 : VBIAS
36 V
TOP
10k
W
330
W
Figure 21 : VTOP
37 V
BOT
330
W
10k
W
40k
W
Figure 22 : VBOT
38 VAGCOUT
Figure 23 : VAGCOUT
STV0502
12/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com