Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0502 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STV0502
Description  CCD SENSORS ANALOG PROCESSOR IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0502 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STV0502 Datasheet HTML 7Page - STMicroelectronics STV0502 Datasheet HTML 8Page - STMicroelectronics STV0502 Datasheet HTML 9Page - STMicroelectronics STV0502 Datasheet HTML 10Page - STMicroelectronics STV0502 Datasheet HTML 11Page - STMicroelectronics STV0502 Datasheet HTML 12Page - STMicroelectronics STV0502 Datasheet HTML 13Page - STMicroelectronics STV0502 Datasheet HTML 14Page - STMicroelectronics STV0502 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
SCLK
SERIAL
INTERFACE
SDATA
ADC_CLOCK
MICROPHONE
2.2
m F
6.8
m F
LINE
OUTPUTS
OB
FCDS
FS
10
m F
V
DD
ADC
10
m F
1
m F
10
m F
From
CCD
33nF
V
DD
DATA[7]
DATA[6]
DATA[5]
DATA[4]
DATA[3]
DATA[2]
DATA[1]
DATA[0]
1
m F
V
CC
Video
1
2
3
4
5
6
7
8
9
10
16
17
18
19
20
26
27
28
29
30
36
37
38
40
11
12
13
14
15
21
22
23
24
31
32
33
34
35
25
39
41
42
43
44
CDS_OUT
CDS_IN
VAGCIN
DATA[7]
DATA[6]
DATA[5]
DATA[4]
SCLK
ADC_CLOCK
V
CC
MICRO_IN
ACC
CAGC
AF_OUT+
AF_OUT-
CDS_REF
GND
NC
NC
V
BIAS
MICRO_REF
GND
10
m F
V
CC
Micro
1
m F
1
m F
220nF
STV0502
10
m F
3.3k
W
5.1k
W
1k
W
3 x 1N4148
10
m F
TYPICAL APPLICATION
STV0502
14/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com