Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0502 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV0502
Description  CCD SENSORS ANALOG PROCESSOR IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0502 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV0502 Datasheet HTML 6Page - STMicroelectronics STV0502 Datasheet HTML 7Page - STMicroelectronics STV0502 Datasheet HTML 8Page - STMicroelectronics STV0502 Datasheet HTML 9Page - STMicroelectronics STV0502 Datasheet HTML 10Page - STMicroelectronics STV0502 Datasheet HTML 11Page - STMicroelectronics STV0502 Datasheet HTML 12Page - STMicroelectronics STV0502 Datasheet HTML 13Page - STMicroelectronics STV0502 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ELECTRICAL CHARACTERISTICS
Tamb = 25
oC, VDD = VCC = 5V, unless otherwise specified (continued)
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
MICROPHONE PREAMPLIFIER
VBIAS
Bias Audio Voltage
Pin 26
3.8
V
IN_ref
Micro Input Voltage
Pin 33
2
V
RIN
Input Impedance
Pin 33
50
k
GFIX
Overall Gain
AGC Mode off
48
50
52
dB
GAGC
Overall Gain
AGC Mode on
VAGC = 0.5V
VAGC = 4V
54
56
20
58
34
dB
dB
ALC1
ALC2
Regulated Output Level
On Pins 30/31, AGC on, Input = [1.5mVPP ; 30mVPP]
AGClevel (Pin 39) = 0
AGClevel (Pin 39) = 5
1.1
0.7
1.5
1
1.9
1.3
VPP
VPP
Ich
AGC Charge Current
On Pin 29 when signal out above threshold
500
µA
Idis
AGC Discharge Current
All the time with AGC on
-1
µA
tATT
Output Response Time
Step +6dB, CAGC = 2.2
µF5
ms
tDEC
Output Response Time
Step -6dB, CAGC = 2.2
µF
2.5
s
OUT_Max Output Clipping Level
Pins 30/31
AGC off : VIN = 5mVPP
AGC on : VIN > 40mVPP
1.7
1.7
2
2
VPP
VPP
OUT_DC
Output DC Voltage
Pins 30/31
2.1
V
OUT_OF
Channel DC Mismatch
Pins 30/31
-350
0
350
mV
ROUT
Output Impedance
Pins 30/31
100
THD
Overall THD
1VPP out, 1kHz signal, BW 15kHz
0.15
0.4
%
PSRR
PSRR from VCC
f = 1kHz, VCC + sine 100mVPP (2)
60
dB
CMRR
CMRR from VCC
f = 1kHz, VCC + sine 100mVPP (2)
60
dB
LFc
Low Cut-off Frequency
CIN = 2.2
µF, CACC = 10µF
250
Hz
HFc
High Cut-off Frequency
CIN = 2.2
µF, CACC = 10µF
20
kHz
Xtalk
Xtalk from video to audio
Measure on Pins 30/31, compared to Pin 38 (2)
60
dB
Notes : 2. On a 20Hz to 10MHz frequency range, with 10
µF filtering capacitors on all supplies, and well splitted supplies and grounds.
INPUT
OUTPUT
+6dB
-6dB
t
DEC
t
ATT
Figure 7
STV0502
10/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com