Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2162 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV2162
Description  2H - VIDEO SCANNING PROCESSOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2162 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV2162 Datasheet HTML 3Page - STMicroelectronics STV2162 Datasheet HTML 4Page - STMicroelectronics STV2162 Datasheet HTML 5Page - STMicroelectronics STV2162 Datasheet HTML 6Page - STMicroelectronics STV2162 Datasheet HTML 7Page - STMicroelectronics STV2162 Datasheet HTML 8Page - STMicroelectronics STV2162 Datasheet HTML 9Page - STMicroelectronics STV2162 Datasheet HTML 10Page - STMicroelectronics STV2162 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Subaddress 1 (hex 01)
& System-Voltage -
MSB
LSB
S_CORR_3
S_CORR_2
S5
S4
S3
S2
S1
S0
S_CORR_3,
S_CORR_2
: S_Correction (2 MSB) (see subaddress 2)
S[5..0]
: System Voltage Adjustment (S_VOLTAGE)
S_VOLTAGE
000000 (hex 00)
minimal position : System voltage minimal
111111 (hex 3F)
maximal position : System voltage maximal
Subaddress 2 (hex 02)
MSB
LSB
S_CORR_1
E5
E4
E3
E2
E1
E0
S_CORR_1,
S_CORR_0
: S_Correction (2 LSB)
S_CORRECTION
0000 (hex 0)
minimal S_Correction (vertical sawtooth flat)
1111 (hex F)
maximal S_Correction
E[5..0]
: EW_Shape (corner correction)
EW_SHAPE
000000 (hex 0)
minimal parabola flattening (ideal parabola)
111111 (hex 3F)
maximal parabola flattening (flattened corners of parabola)
Subaddress 3 (hex 03)
MSB
LSB
0
0
E5
E4
E3
E2
E1
E0
E[5..0]
: EW-Amplitude
EW_AMPLITUDE
000000 (hex 00) minimal Parabola-Amplitude = 0V (=no Parabola)
111111 (hex 3F)
maximal Parabola-Amplitude = 0.7V
Subaddress 4 (hex 04)
MSB
LSB
0
0
H5
H4
H3
H2
H1
H0
H[5..0]
: Horizontal Picture Position (left-right-shift)
H_POSITION : fine tuning of reference slope
H_POSITION
000000 (hex 00) minimal position :
rising edge of HDFL in the middle of HFLY.
100000 (hex 20) nominal position
111111 (hex 3F)
maximal position :
rising edge of HDFL 4.7
µs before middle of HFLY.
BUS DESCRIPTION (continued)
STV2162
7/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com