Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2162 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV2162
Description  2H - VIDEO SCANNING PROCESSOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2162 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV2162 Datasheet HTML 6Page - STMicroelectronics STV2162 Datasheet HTML 7Page - STMicroelectronics STV2162 Datasheet HTML 8Page - STMicroelectronics STV2162 Datasheet HTML 9Page - STMicroelectronics STV2162 Datasheet HTML 10Page - STMicroelectronics STV2162 Datasheet HTML 11Page - STMicroelectronics STV2162 Datasheet HTML 12Page - STMicroelectronics STV2162 Datasheet HTML 13Page - STMicroelectronics STV2162 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Subaddress 17 (hex 11)
MSB
LSB
STOP_C_VAR
DRV_GAIN
S5
S4
S3
S2
S1
S0
STOP_C_VAR : Contrast Variation with TXT insertion
with this bit, the user saturation and contrast setting will be partially removed i.e. moved
toward contrast = max., saturation = 100% (middle) for TXT/OSD insertion (RTXT,
GTXT, BTXT))
0 : TXT/OSD insertion : same contrast as main channel
1 : TXT/OSD insertion (FBTXT=1) toward max. contrast and mid. saturation
DRV_GAIN
: Selection of gain range (changes the range of the gain adjustement drive)
0 : maximum gain = 4.6
1 : maximum gain = 6.5
S[5..0]
: Color Saturation Adjustment
SATURATION 000000 (hex 00) minimal position = completely suppressed colors
111111 (hex 3F)
maximal position : maximal saturation (3dB
oversaturation)
Subaddress 18 (hex 12)
MSB
LSB
RGBLIM1
RGBLIM0
A5
A4
A3
A2
A1
A0
RGBLIM[1..0] : RGB Hard Limiter
Voltage limitation of R,G,B at the output of the matrix , just before drive adjustment
RGB_LIM
00 (hex 0)
limitation at 100 IRE
11 (hex 3)
limitation at 150IRE
A[5..0]
: Auto Pix (APX) Threshold Voltage
APX_THRESHOLD
000000 (hex 00) minimal position : threshold value = 50 IRE
111111 (hex 3F)
maximal position : threshold value = 100 IRE
Subaddress 19 (hex 13)
MSB
LSB
V_CORR_3
V_CORR_2
R5
R4
R3
R2
R1
R0
V_CORR_3,
V_CORR_2
: Vertical Corner Point of EW Shape (2 MSB) (see subaddress 20)
R[5..0]
: Red Cut-off Adjustment (Blue is fixed value of 0.45V at BOUT)
R_CUTOFF 000000 (hex 00) insertion of 0.675V at ROUT for red measurement pulse
111111 (hex 3F)
insertion of 0.225V at ROUT for red measurement pulse
Subaddress 20 (hex 14)
MSB
LSB
V_CORR_1
V_CORR_0
G5
G4
G3
G2
G1
G0
V_CORR_1,
V_CORR_0
: Corner Point of EW-Shape (2 LSB)
V_CORNER 0000 (hex 0)
corner point of EW shape @ 60% of fix point
1111 (hex F)
corner point of EW shape @ 80% of fix point
G[5..0]
: Green Cut-off Adjustment (Blue is fixed value of 0.45V at BOUT)
G_CUTOFF 000000 (hex 00) insertion of 0.675V at GOUT for green measurement pulse
111111 (hex 3F)
insertion of 0.225V at GOUT for green measurement pulse
BUS DESCRIPTION (continued)
STV2162
11/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com