Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2162 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV2162
Description  2H - VIDEO SCANNING PROCESSOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2162 Datasheet(HTML) 3 Page - STMicroelectronics

  STV2162 Datasheet HTML 1Page - STMicroelectronics STV2162 Datasheet HTML 2Page - STMicroelectronics STV2162 Datasheet HTML 3Page - STMicroelectronics STV2162 Datasheet HTML 4Page - STMicroelectronics STV2162 Datasheet HTML 5Page - STMicroelectronics STV2162 Datasheet HTML 6Page - STMicroelectronics STV2162 Datasheet HTML 7Page - STMicroelectronics STV2162 Datasheet HTML 8Page - STMicroelectronics STV2162 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Pin
Name
Function
Description, Test Conditions, Remark
16
RCUTREF
Reference
Clamping R. Capacitor 47nF against Ground : cut-off Black Reference.
17
CSOFT
Time Constant
Capacitor for softstart, value determines softstart time (typ. 220
µF).
18
SCL
Input
Serial Clock for I
2C bus
19
SDA
Input
Serial Data for I
2C bus (pull down - capability for acknowledge and data reply)
20
V5V
Power supply
Voltage supply for standby biasing, voltage is regulated via internal shunt
regulator
21
SLPF
Time Constant
Loop filter for horizontal VCO
22
VCC1
Power supply
Supply voltage for Scanning part, connected with external series regulator
transistor.
23
IREF
Current
Reference
External programming resistor 1% metal type (25k
Ω against VCC1). Determines
the horizontal free running frequency.
24
REG
Output
Output for controlling the external regulator transistor
25
FROUT
Output
Output of transconductance Frame Amplifier, pin has to be connected to the
inverting input of the vertical power amplifier.
26
SENSEP
Input
Input of internal resistor bridge for sensing the vertical deflection yoke current
27
SENSEM
Input
Input of Internal resistor bridge for sensing the vertical deflection yoke current
28
BREATH
Input
Two functions :
- if input voltage >1.5V, Vertical size (V_BREATING) and Horizontal width
(H_BREATING) compensation.
- if pin pulled down by external transistor : protection activated.
29
CVERT
Reference
Regulation of vertical sawtooth amplitude
30
EWIN
Input
Input of the error-amplifier for the East-West modulator
31
SMPSIN
Input
Input for the secondary Switch Mode Power Supply pulse width modulator
32
EWOUT
Output
Output of the error amplifier for the East-West modulator (current output, biasing
directly the darlington output transistor
33
HFLY
Input
Horizontal Flyback Input
34
GND1
Power supply
Ground for all scanning functions
35
SSCOUT
Output
Super sandcastle output from the scanning processor part.
36
TXTOUT
Output
Composite 2H synchro for Teletext, OSD, ...
37
SMPSOUT
Output
Output for SMPS driver transistor
38
HDRIVE
Output
Open collector output for the horizontal line transistor
39
VABL
Input
Voltage input for the Average Beam Limiter function
40
BOUT
Output
Video output blue channel
41
GOUT
Output
Video output green channel
42
ROUT
Output
Video output red channel
43
ICUTOFF
Input
Input for the leakage and cut-off current measurement
44
VCCVID
Power supply
Voltage supply for the video part
45
GNDVID
Power supply
Ground for video
46
RTXT
Input
Input for red channel of TEXT/OSD
47
GTXT
Input
Input for green channel of TEXT/OSD
48
BTXT
Input
Input for blue channel of TEXT/OSD
49
APX
Time constant
External capacitor and resistor to determine the attack and delay time of the APX
detector
50
FBTXT
Input
Fast Blanking input for TXT/OSD insertion (VFBTXT = 0 . . 3 V)
51
CONVAR
Input
Voltage at this Input decreases instantaneously the Contrast : Contrast-reduction
for transparent Menu box
52
NC
Reserved
Not connected
53
Y
Input
Video input Y channel
54
RES54
Reserved
Must be grounded
55
RES55
Reserved
Must be grounded
56
YOUT
Luma Output
Signal
Luminance output after white stretch.
(Application : connect YOUT with Y (Video Part) via capacitor of 47nF.)
PIN DESCRIPTION (continued)
STV2162
3/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com