Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2162 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV2162
Description  2H - VIDEO SCANNING PROCESSOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2162 Datasheet(HTML) 2 Page - STMicroelectronics

  STV2162 Datasheet HTML 1Page - STMicroelectronics STV2162 Datasheet HTML 2Page - STMicroelectronics STV2162 Datasheet HTML 3Page - STMicroelectronics STV2162 Datasheet HTML 4Page - STMicroelectronics STV2162 Datasheet HTML 5Page - STMicroelectronics STV2162 Datasheet HTML 6Page - STMicroelectronics STV2162 Datasheet HTML 7Page - STMicroelectronics STV2162 Datasheet HTML 8Page - STMicroelectronics STV2162 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
49
50
51
52
53
54
55
56
YOUT
RES55
RES54
Y
NC
CONVAR
FBTXT
APX
BTXT
GTXT
RTXT
GNDVID
V
CCVID
ICUTOFF
ROUT
GOUT
BOUT
VABL
HDRIVE
SMPSOUT
TXT_OUT
SSC
GND1
HFLY
EWOUT
SMPSIN
EWIN
CVERT
Y OUTPUT OF WHITE STRETCH
RESERVED
RESERVED
Y INPUT VIDEO OF MAIN SIGNAL
NOT CONNECTED
CONTRAST VARIATION (FOR TRANSPARENT MENU)
FAST BLANKING INPUT FOR TEXT/OSD
AUTO PIX CAPACITOR
BLUE INPUT TEXT/OSD
GREEN INPUT TEXT/OSD
RED INPUT TEXT/OSD
GROUND FOR VIDEO PART
V
CC FOR VIDEO PART
CUT-OFF AND LEAKAGE MEASUREMENT
RED OUTPUT
GREEN OUTPUT
BLUE OUTPUT
AVERAGE BEAM LIMITER INPUT
OUTPUT FOR HORIZONTAL DRIVER
PWM OUTPUT FOR SMPS
SYNC OUTPUT FOR TELETEXT/OSD
SSC SUPER SANDCASTLE OUTPUT
GROUND FOR SCANNING PART
HORIZONTAL FLYBACK INTERFACE
EAST/WEST OUTPUT
VOLTAGE INPUT FOR SMPS ERROR AMPLIFIER
EAST/WEST INPUT OF ERROR AMPLIFIER
VERTICAL AGC CAPACITOR
WS
UIN
VIN
YIN
APL
VDFL
HDFL
LDFL
NC
GNDLIN
V
CCLIN
NC
BCUTREF
GCUTREF
RCUTREF
CSOFT
SCL
SDA
V5V
SLPF
V
CC1
COLM
I
REF
REG
FROUT
SENSEP
BREATH
SENSEM
WHITE STRETCH CAPACITOR
U INPUT
V INPUT
Y INPUT
APL CONTROL
VERTICAL SYNC INPUT
HORIZONTAL SYNC INPUT
27MHz CLOCK
NOT CONNECTED
GROUND
COLOR MATCHING
V
CC
NOT CONNECTED
BLUE CUT-OFF REFERENCE
GREEN CUT-OFF REFERENCE
RED CUT-OFF REFERENCE
SOFSTART CAPACITOR
SERIAL CLOCK (I2C BUS)
SERIAL DATA (I2C BUS)
5V STANDBY (SHUNT REGULATOR)
LOOP
ϕ1 LOW PASS FILTER
V
CC FOR SCANNING PART
REFERENCE RESISTOR FOR CURRENT
REGULATOR OUTPUT
VERTICAL SAWTOOTH ERROR OUTPUT
RESISTOR BRIDGE POSITIVE INPUT
RESISTOR BRIDGE NEGATIVE INPUT
THT MODULATION AND PROTECTION
PIN CONNECTIONS
PIN DESCRIPTION
Pin
Name
Function
Description, Test Conditions, Remark
1
WS
Time Constant
White stretch time constant adjustment. External capacitor, internal 200k
Ω resistor.
2
UIN
Input
B-Y signal, AC coupling
3
VIN
Input
R-Y signal, AC coupling
4
YIN
Input
Luminance before white stretch, AC coupling
5
APL
Time Constant
Auto Pedestal (APL) time constant. External capacitor, internal 200k
Ω resistor
6
VDFL
Input
Vertical synchro
7
HDFL
Input
Horizontal synchro
8
LDFL
Input
27MHz Line Clock
9
NC
Reserved
Not connected
10
GNDLIN
Power supply
Ground for Scanning Logic
11
COLM
Control
Color Matching strength. This pin must be grounded through a resistor .
Resistor value determines Color Matching effect :
0 (short Circuit) = no effect, 44k
Ω = maximal Colormatching.
12
VCCLIN
Power supply
VCC for Scanning Logic
13
NC
-
Not Connected
14
BCUTREF
Reference
Clamping B. Capacitor 47nF against Ground : cut-off Black Reference.
15
GCUTREF
Reference
Clamping G. Capacitor 47nF against Ground : cut-off Black Reference.
STV2162
2/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com