Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2162 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV2162
Description  2H - VIDEO SCANNING PROCESSOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2162 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV2162 Datasheet HTML 2Page - STMicroelectronics STV2162 Datasheet HTML 3Page - STMicroelectronics STV2162 Datasheet HTML 4Page - STMicroelectronics STV2162 Datasheet HTML 5Page - STMicroelectronics STV2162 Datasheet HTML 6Page - STMicroelectronics STV2162 Datasheet HTML 7Page - STMicroelectronics STV2162 Datasheet HTML 8Page - STMicroelectronics STV2162 Datasheet HTML 9Page - STMicroelectronics STV2162 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
BUS DESCRIPTION
1 - Slave-Address
Address : hex 8C/8D
MSB
LSB
10001
10
Read-Write
2 - Address-Mapping (write mode)
x = don’t care-bits, not used in the decoding of the subaddress.
Subaddress
Data Bits
(binary)
dec hex
MSB
LSB
xxx00000
0
00
VID_ACT
S_ON
H_VCO
xxx00001
1
01
S_CORR_3
S_CORR_2
S_VOLTAGE
xxx00010
2
02
S_CORR_1
S_CORR_0
EW_SHAPE
xxx00011
3
03
MPX_3
MPX_2
EW_AMPLITUDE
xxx00100
4
04
MPX_1
MPX_0
HPOS_5
HPOS_4 HPOS_3 HPOS_2 HPOS_1 HPOS_0
xxx00101
5
05
FSCK
EW_TILT
xxx00110
6
06
AUTO_VCR
FORCE_VCR
H_WIDTH
xxx00111
7
07
TST_V1
TST_V0
V_DC
xxx01000
8
08
V_AMPLITUDE
xxx01001
9
09
VPAN_2
H_RIGHT_BLANKING
xxx01010
10
0A
VPAN_1
VPAN_0
H_LEFT_BLANKING
xxx01011
11
0B
APL_LEVEL
xxx01100
12
0C
H_BREATHING
V_BREATHING
xxx01101
13
0D
VSTART_4
VSTART_3
VSTART_2 CEQU_4 CEQU_3 CEQU_2 CEQU_1 CEQU_0
xxx01110
14
0E
VSTART_1
VSTART_0
WS_THRESHOLD
xxx01111
15
0F
NTSC_PAL
WS_ON
CONTRAST
xxx10000
16
10
EWS12
ENVPS
BRIGHTNESS
xxx10001
17
11 STOP_C_VAR
DRV_GAIN
SATURATION
xxx10010
18
12
RGB_LIM
APX_THRESHOLD
xxx10011
19
13
V_CORR_3
V_CORR_2
R_CUTOFF
xxx10100
20
14
V_CORR_1
V_CORR_0
G_CUTOFF
xxx10101
21
15
RES_CUT
FUF
R_DRIVE
xxx10110
22
16
VID_OFF
DIS_CUT
G_DRIVE
xxx10111
23
17
SSC_TRI
FORCE_ MUTE
B_DRIVE
Subaddress 0 (hex 00)
MSB
LSB
X
X
VID_ACT
S_ON
H3
H2H1H0
VID_ACT : Video Processor Activation
Switch to activate Video processor
0 : Startup phase : Video output (R,G,B_OUT) hard blanked (0.9V) , no cut-off insertion lines
1 : RGB outputs active
S_ON
: TV Mode Selection
Switch to change from standby mode to operation mode
0 : Standby operation : I
2C bus active ; Protection logic active ; Pin REG pulled down to ground
1 : TV set = ON : VCC regulator active
H[3..0]
: Horizontal Free Running Frequency
H_VCO
0000 (hex 0)
minimal free running frequency
1111 (hex F)
maximum free running frequency
STV2162
6/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com