Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2162 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STV2162
Description  2H - VIDEO SCANNING PROCESSOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2162 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STV2162 Datasheet HTML 4Page - STMicroelectronics STV2162 Datasheet HTML 5Page - STMicroelectronics STV2162 Datasheet HTML 6Page - STMicroelectronics STV2162 Datasheet HTML 7Page - STMicroelectronics STV2162 Datasheet HTML 8Page - STMicroelectronics STV2162 Datasheet HTML 9Page - STMicroelectronics STV2162 Datasheet HTML 10Page - STMicroelectronics STV2162 Datasheet HTML 11Page - STMicroelectronics STV2162 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Subaddress 5 (hex 05)
East-West - Tilt (Unsymmetry):
MSB
LSB
FSCK
E5
E4
E3
E2
E1
E0
FSCK
: Selector for free run horizontal frequency (start) of 27MHz clock operation
0 : Normal operation = external 27MHz Clock (LDFL) used to control horizontal deflection after
the softstart operation and video identification (VIDID=1)
1 : Internal clock
E[5..0]
: East/West Tilt (unsymmetry)
EW_TILT
000000 (hex 00) minimal position :
parabola unsymmetrical, (higher on the top of the picture)
100000 (hex 20) nominal position : parabola symmetrical
111111 (hex 3F)
maximal position :
parabola unsymmetrical, (lower on the top of the picture)
Subaddress 6 (hex 06)
MSB
LSB
AUTO_VCR
FORCE_VCR
H5
H4
H3
H2
H1
H0
AUTO_VCR / FORCE_VCR : VCR Mode Selection
TV-Mode
FORCE_VCR
AUTO_VCR
PHI1 loop forced to NOVCR mode (TV operation)
0
0
VCR trick mode automatically detected and VCR mode forced (Trick mode = not 312.5
lines per frame in 100Hz mode ; not 265.5 lines per frame in 120Hz mode )
01
Phi1 loop forced to VCR mode
1
0
Test mode for vertical countdown logic test ( only IC testing)
1
1
H[5..0]
: H_WIDTH (picture width controlled by the East/West modulator)
H_WIDTH
000000 (hex 00) minimal picture size
111111 (hex 3F)
maximal picture size
Subaddress 7 (hex 07)
MSB
LSB
0
0
V5
V4
V3
V2
V1
V0
V[5..0] : Vertical Position (vertical DC shift)
V_DC 000000 (hex 00) picture shifted down
111111 (hex 3F)
picture shifted up
Subaddress 8 (hex 08)
MSB
LSB
X
V6V5V4V3V2V1V0
V[6..0]
: Vertical Sawtooth Amplitude
V_AMPLITUDE
0000000 (hex 00)
minimal amplitude
(0.65VPP (between270 lines) on SENSP/SENSM)*
1111111 (hex 7F)
maximal amplitude
(1.73VPP (between270 lines) on SENSP/SENSM)*
* : With no vertical power safe function.
BUS DESCRIPTION (continued)
STV2162
8/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com