Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2162 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV2162
Description  2H - VIDEO SCANNING PROCESSOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2162 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV2162 Datasheet HTML 6Page - STMicroelectronics STV2162 Datasheet HTML 7Page - STMicroelectronics STV2162 Datasheet HTML 8Page - STMicroelectronics STV2162 Datasheet HTML 9Page - STMicroelectronics STV2162 Datasheet HTML 10Page - STMicroelectronics STV2162 Datasheet HTML 11Page - STMicroelectronics STV2162 Datasheet HTML 12Page - STMicroelectronics STV2162 Datasheet HTML 13Page - STMicroelectronics STV2162 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Subaddress 13 (hex 0D)
MSB
LSB
VSTART_4
VSTART_3
VSTART_2
C4
C3
C2
C1
C0
VSTART_4,
VSTART_3,
VSTART_2
: Vertical Ramp Start Panning (3MSB) (see subaddress 14)
C[4..0]
: Color Equalizer (differential gain between UIN- and VIN- channel)
COLOR_EQUALIZER 00000 (hex 00)
minimal position :
max. gain for UIN, min. gain for VIN
10000 (hex 10)
nominal position : same gain for UIN and VIN
11111 (hex 1F)
maximal position :
min. gain for UIN, max. gain for VIN
Subaddress 14 (hex 0E)
MSB
LSB
VSTART_1
VSTART_0
W5
W4
W3
W2
W1
W0
VSTART_1,
VSTART_0
: Vertical Ramp Start (2 LSB)
VSTART
00000 (hex 0)
vertical ramp start at line 0
11111 (hex 1F)
vertical ramp start at line 64
W[5..0]
: White Stretch Threshold
WS_THRESHOLD 000000 (hex 00) minimal position : threshold value = 5 IRE
111111 (hex 3F)
maximal position : threshold value = 40 IRE
Subaddress 15 (hex 0F)
MSB
LSB
NTSC_PAL
WS_ON
C5
C4
C3
C2
C1
C0
NTSC_PAL : RGB Matrix Selection
0 : RGB matrix uses the PAL/SECAM - Coefficients for the Conversion YUV -> RGB
1 : RGB matrix uses the NTSC - Coefficients for the Conversion YUV -> RGB
Note : The input-dematrix for RGBTXT is always "PAL/SECAM" dematrix !! i.e. at the NTSC-mode the colors are correct only for YUV-input.
WS_ON
: White Stretch Selection
0 : White Stretch is switched off
1 : White Stretch is actived
C[5..0]
: Contrast Adjustment
CONTRAST 000000 (hex 00) minimal position : smalles contrast level
= 20% of maximal contrast
111111 (hex 3F)
maximal position : maximal contrast
Subaddress 16 (hex 10)
MSB
LSB
EWS12
ENVPS
B5
B4
B3
B2
B1
B0
EWS12 : Selection of Parabole Corner Type
ENVPS : Vertical Power Safe Selection
0 : vertical power safe function not active
1 : vertical power safe function active
B[5..0]
: Brightness
BRIGHTNESS 000000 (hex 00) minimal position : brightness = -30 IRE
100000 (hex 20) nominal position : brightness = 0
111111 (hex 3F)
maximal position : brightness = +30 IRE
BUS DESCRIPTION (continued)
STV2162
10/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com