Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2162 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV2162
Description  2H - VIDEO SCANNING PROCESSOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2162 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV2162 Datasheet HTML 6Page - STMicroelectronics STV2162 Datasheet HTML 7Page - STMicroelectronics STV2162 Datasheet HTML 8Page - STMicroelectronics STV2162 Datasheet HTML 9Page - STMicroelectronics STV2162 Datasheet HTML 10Page - STMicroelectronics STV2162 Datasheet HTML 11Page - STMicroelectronics STV2162 Datasheet HTML 12Page - STMicroelectronics STV2162 Datasheet HTML 13Page - STMicroelectronics STV2162 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Subaddress 21 (hex 15)
MSB
LSB
RES_CUT
FUF
D5
D4
D3
D2
D1
D0
RES_CUT : Reset of Cut-off Counters and TUBE_COLD bit ; at the same time : stop of cut-off function
0 : cut-off loop active
1 : cut-off loop stopped and Reset of all cut-off counters and TUBE_COLD bit
FUF
: Full Frame Mode (selects cut-off loop operation modus)
0 : cut-off loop is active during the whole frame (adjustment of VG2 on the CRT board in
production)
1 : cut-off loop is active during the first 4 active Video lines : normal mode
D[5..0]
: Drive Register for Red Channel (gain adjustement of the red driver output stage)
R_DRIVE 000000 hex 00) minimal position : 0.33 of maximal value
111111 (hex 3F) maximal position : 3.2VPP at ROUT for contrast = max.,
DRV_GAIN=1 and Y=70 IRE; or DRV_GAIN=0 and Y = 100 IRE
Subaddress 22 (hex 16)
MSB
LSB
VID_OFF
DIS_CUT
D5
D4
D3
D2
D1
D0
VID_OFF : Hard Blanking of Video Output
0 : normal operation
1 : ROUT, GOUT, BOUT is hard blanked, while the cut-off measurement is still active.
DIS_CUT : Disable of Cut-off Loop
0 : Cut-off loop is active.
1 : Cut-off loop is stopped, actual values in the registers are frozen.
Truth - Table for DIS_CUT / FUF
Operation Mode
DIS_CUT
FUF
Video signal present at RGBOUT ; 3 cut-off measurement lines in the lines 21,22,23
0
0
Cut-off measurement during the whole frame with the sequence --> Leakage - Blue, green, red
(repetitive each 4th line)
01
Video signal present at RGBOUT but no cut-off measurement (last values of cut-off counter frozen)
1
0
All Outputs ROUT, GOUT, BOUT hard blanked all the time ; no video ; no cut-off measurement
(useful when TV is switched off --> immediate stop of video output)
11
D[5..0]
: Green Drive Register (gain adjustement of the GREEN driver outputstage)
G_DRIVE
000000 (hex 00) minimal position : 0.33 of maximal value
111111 (hex 3F)
maximal position : 3.2 VPP at GOUT for contrast = max.,
DRV_GAIN=1 and Y=70 IRE; or DRV_GAIN=0 and Y=100 IRE
Subaddress 23 (hex 17)
MSB
LSB
SSC_TRI
FORCE_MUTE
D5
D4
D3
D2
D1
D0
SSC_TRI
: Mode switch for super sandcastle output (only useful in test mode)
0 : SSC Pin delivers super sandcastle output
1 : Super sandcastle output disabled ; Pin SSC can serve as input for PSI and video part
FORCE_MUTE : Test mode for accelerating the test of the PHI1 mute circuit
0 : normal operation ; TV application
1 : PHI1 circuit set to mute ;
ϕ1 forced to free run mode
D[5..0]
: Blue Drive Register (gain adjustement of the blue driver output stage)
B_DRIVE
000000 (hex 00) minimal position : 0.33 of maximal value
111111 (hex 3F)
maximal position :
3.2 VPP at BOUT for contrast = max., DRV_GAIN=1 and
Y=70 IRE ; or DRV_GAIN=0 and Y=100 IRE
BUS DESCRIPTION (continued)
STV2162
12/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com