Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2162 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV2162
Description  2H - VIDEO SCANNING PROCESSOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2162 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV2162 Datasheet HTML 5Page - STMicroelectronics STV2162 Datasheet HTML 6Page - STMicroelectronics STV2162 Datasheet HTML 7Page - STMicroelectronics STV2162 Datasheet HTML 8Page - STMicroelectronics STV2162 Datasheet HTML 9Page - STMicroelectronics STV2162 Datasheet HTML 10Page - STMicroelectronics STV2162 Datasheet HTML 11Page - STMicroelectronics STV2162 Datasheet HTML 12Page - STMicroelectronics STV2162 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Subaddress 9 (hex 09)
MSB
LSB
VPAN_2
X
H4
H3
H2
H1
H0
VPAN_2
: Vertical Panning (1 MSB) (see subaddress 10)
H[4..0]
: Horizontal Blanking on right picture side (reference slope : middle of HFLY)
H_RIGHT_BLANKING 00000 (hex 0)
minimal horizontal oversize blanking (-2
µs)
11111 (hex 1F)
maximum horizontal oversize blanking
(-6.74
µs on right side)
Stepsize ~ 0.15
µs
Subaddress 10 (hex 0A)
MSB
LSB
VPAN_1
X
H4
H3
H2
H1
H0
VPAN_1,
VPAN_0
: Vertical Panning (2 LSB)
VPAN 000 (hex 0)
no vertical panning (no vertical deflection delay)
111 (hex 7)
maximum vertical panning = 30 lines delay of vertical deflection
Stepsize : 4 lines delay
H[4..0]
: Horizontal Blanking on left picture side
H_LEFT_BLANKING
00000 (hex 00) minimal horizontal oversize blanking (+2
µs)
11111 (hex 1F)
maximum horizontal oversize blanking
(+6.74
µs on left side)
Stepsize ~ 0.15
µs
Subaddress 11 (hex 0B)
MSB
LSB
A3
A2
A1
A0
V3
V2
V1
V0
A[3..0]
: Auto Pedestal Level "APL_LEVEL" ( adaptive brightness)
APL_LEVEL
0000 (hex 0)
minimal value = no influence = 0 IRE
1111 (hex F)
maximal value = maximum brightness increase
(20 IRE when luma averagevalue 100 IRE)
V[3..0]
: Vertical Blanking (also changes vertical fix points for S_Correction and East/West parabola)
V_BLANKING 0000 (hex 00)
minimal value of fix points and vertical blanking
(0.52V on SENSM/SENSP)
1111 (hex 0F)
maximal value of fix points and vertical blanking
(0.6V on SENSM/SENSP)
Subaddress 12 (hex 0C)
MSB
LSB
H3
H2
H1
H0
V3
V2
V1
V0
H[3..0]
: Horizontal Breathing
H_BREATHING
0000 (hex 0)
minimal Horizontal Breathing (0%)
1111 (hex F)
maximal Horizontal Breathing (10%)
V[3..0]
: Vertical Breathing
V_BREATHING
0000 (hex 0)
minimal Vertical Breathing (0%)
1111 (hex F)
maximal Vertical Breathing (10%)
BUS DESCRIPTION (continued)
STV2162
9/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com