Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2162 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV2162
Description  2H - VIDEO SCANNING PROCESSOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2162 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV2162 Datasheet HTML 6Page - STMicroelectronics STV2162 Datasheet HTML 7Page - STMicroelectronics STV2162 Datasheet HTML 8Page - STMicroelectronics STV2162 Datasheet HTML 9Page - STMicroelectronics STV2162 Datasheet HTML 10Page - STMicroelectronics STV2162 Datasheet HTML 11Page - STMicroelectronics STV2162 Datasheet HTML 12Page - STMicroelectronics STV2162 Datasheet HTML 13Page - STMicroelectronics STV2162 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
3 - Output Signals (Read-Mode)
Reply
Byte
MSB
LSB
1st
PONRESET
OVERLOAD
VIDID
S120/100
VSTD
TUBECOLD
PHI1MUTE
SYNCVID
2nd
LSB_R_CUT LSB_G_CUT LSB_B_CUT
VERS _NBR
VERS _EXT
3rd
R_CUTOFF_COUNTER
4th
G_CUTOFF_COUNTER
5th
B_CUTOFF_COUNTER
PONRESET
: 1 if voltage drop on V5V (< 4.5V) has been detected (risk of data loss in latch
memory)
OVERLOAD
: 1 if after 3 restart trials TV set is switched off definitely since breathing pin was
pulled down due to an error (reset to 0 can be done by switching off the TV
set (S_ON = 0 ; see Subaddress 0)
VIDID
: 1 if Start-Oscillator PHI1 islocked to HDFL pulse after 7 francs
0 if not
S120/100
: 1 if vertical sync pulse frequency = 120Hz
0 if vertical sync pulse frequency = 100Hz
VSTD
: 1 if line-numbers per frame are interlace standard : exactely 312.5 (100Hz) or
262.5 (120Hz)
0 if line-numbers per frame are different from this standard -> VCR trick mode
recognition
TUBECOLD
: 1 after start of TV set
0 if the first time one of the cut-off counters is decremented ( tube starts to
deliver beam current)
PHI1MUTE
: 1 if PHI1 loop is in mute mode ( no valid HDFL detected ) ; SLPF connected
to a fix voltage
SYNCVID
: 1 if Start oscillator PHI1 is in phase to HDFL pulse
0 if not
VERS_NBR
: Version number
VERS_EXT
: Version extention
LSB_R_CUT
: LSB of 9 bit red cut-off counter
LSB_G_CUT
: LSB of 9 bit green cut-off counter
LSB_B_CUT
: LSB of 9 bit blue cut-off counter
R_CUTOFF_COUNTER : Returns the 8 MSB of the 9 bitred cut-off counter
G_CUTOFF_COUNTER : Returns the 8 MSB of the 9 bit green cut-off counter
B_CUTOFF_COUNTER : Returns the 8 MSB of the 9 bit blue cut-off counter
BUS DESCRIPTION (continued)
STV2162
13/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com