Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2162 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV2162
Description  2H - VIDEO SCANNING PROCESSOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2162 Datasheet(HTML) 1 Page - STMicroelectronics

  STV2162 Datasheet HTML 1Page - STMicroelectronics STV2162 Datasheet HTML 2Page - STMicroelectronics STV2162 Datasheet HTML 3Page - STMicroelectronics STV2162 Datasheet HTML 4Page - STMicroelectronics STV2162 Datasheet HTML 5Page - STMicroelectronics STV2162 Datasheet HTML 6Page - STMicroelectronics STV2162 Datasheet HTML 7Page - STMicroelectronics STV2162 Datasheet HTML 8Page - STMicroelectronics STV2162 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
STV2162
2H - VIDEO SCANNING PROCESSOR
January 1997
PRODUCT PREVIEW
SHRINK56
(Plastic Package)
ORDER CODE : STV2162
VIDEO PART
.
USER CONTROL FUNCTIONS :
CONTRAST, BRIGHTNESS, SATURATION,
COLOR EQUALIZER
.
RGB INPUT WITH FAST-BLANKING FOR
ON-SCREEN-DISPLAY / TELETEXT
.
FAST BLANKING INPUT FOR CONTRAST
REDUCTION (TRANSPARENT MENU BOX)
.
AVERAGE BEAM LIMITER FUNCTION WITH
CONTRAST AND BRIGHTNESS REDUCTION
.
PAL/SECAM OR NTSC MATRIX SWITCHA-
BLE BY BUS
.
AUTOMATIC CUT-OFF LOOP WITH INTE-
GRATED DIGITAL MEMORY AND LEAKAGE
CURRENT COMPENSATION
.
FULL WHITE ADJUSTMENT VIA BUS
.
BUS REPLY FOR TUBE COLD INFORMA-
TION AND CUT-OFF COUNTER STATUS
.
APX (AUTO PIX) : ADAPTIVE CONTRAST
CONTROL
.
COLOR MATCHING (IN CONNECTION WITH
WHITE STRETCH)
.
APL
(AUTO
PEDESTAL)
=
ADAPTIVE
BRIGHTNESS
.
WHITE STRETCH
.
VERTICAL AND OVERSIZE BLANKING AC-
CORDING TO ALL ZOOMS
.
INDEPENDENT RIGHT AND LEFT ADJUST-
MENT OF HORIZONTAL OVERSIZE BLANKING
SCANNING PART
.
INTERNAL OR EXTERNAL 27MHz CLOCK
.
VERTICAL
SYNCHRONISATION
OUTPUT
FOR VIDEO TEXT AND OSD DISPLAY
.
PHI2 LOOP WITH INTERNAL LOOP FILTER
.
PULSE OUTPUT FOR DRIVING HORIZON-
TAL OUTPUT STAGE
.
VERTICAL
COUNTDOWN
CIRCUIT
FOR
CLEAN VERTICAL DEFLECTION
.
INTEGRATED VERTICAL SAWTOOTH GENE-
RATOR WITH AMPLITUDE CONTROL LOOP
.
VERTICAL AND HORIZONTAL BUS ADJUSTA-
BLE SIZE CORRECTION (BREATHING) TO
ADAPT DEFLECTION SENSITIVITY TO THE
CURRENT BEAM
This is advance information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
.
BUS ADJUSTED VERTICAL PARAMETERS:
VERTICAL AMPLITUDE, VERTICAL POSI-
TION AND S-CORRECTION
.
PANNING FOR VERTICAL DEFLECTION
.
BUS CONTROLLED EAST-WEST FUNCTION
GENERATOR WITH INTEGRATED ERROR
AMPLIFIER
.
VARIABLE FIX-POINTS FOR S-CORRECTION
VERTICAL
BLANKING
AND
EAST-WEST
CORNER CORRECTION
.
SUPER SANDCASTLE OUTPUT
.
VERTICAL POWER SAVE MODE
SMPS PART
.
SMPS PULSE-WIDTH MODULATOR WITH
BUS CONTROLLED REFERENCE VOLTAGE
.
SOFTSTART
FOR
SMPS
MODULATOR,
EVEN IN CASE OF MISSING HORIZONTAL
CLOCK (27MHz)
.
SOFTSTART FOR HORIZONTAL OUTPUT STAGE
.
SMOOTH TRANSITION FROM SOFTSTART
TO NORMAL MODE
.
GENERAL STANDBY MODE CONTROL
.
PROTECTION CIRCUIT FOR OVERLOAD
DETECTION (SHORT CIRCUITS) AND CON-
TROL OF SMPS MODULATOR
.
BUS REPLY FOR OVERLOAD
DESCRIPTION
The STV2162 is an I
2C bus controlled Video and
Deflexion Processor for 2H-Deflection Television
Sets. The IC incorporates also an secondary SMPS
(Switch Mode Power Supply) controller with Soft-
start and Protection facilities.
1/14


Similar Part No. - STV2162

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV2161 STMICROELECTRONICS-STV2161 Datasheet
1Mb / 19P
VIDEO SCANNING PSI PROCESSOR
More results

Similar Description - STV2162

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV2161 STMICROELECTRONICS-STV2161 Datasheet
1Mb / 19P
VIDEO SCANNING PSI PROCESSOR
TEA2026C STMICROELECTRONICS-TEA2026C Datasheet
491Kb / 10P
COLOR TV SCANNING AND POWER SUPPLY PROCESSOR
Nov 1998
TEA2130 STMICROELECTRONICS-TEA2130 Datasheet
126Kb / 8P
TV AND SATELLITE DECODER SCANNING PROCESSOR
Sep-1993
logo
Hynix Semiconductor
GDC21D701C HYNIX-GDC21D701C Datasheet
540Kb / 67P
Video Display Processor
logo
STMicroelectronics
TEA2029C STMICROELECTRONICS-TEA2029C Datasheet
104Kb / 9P
COLOR TV SCANNING AND POWER SUPPLY PROCESSOR
Aug-1993
logo
Siemens Semiconductor G...
SDA5248 SIEMENS-SDA5248 Datasheet
2Mb / 65P
VIDEO PROCESSOR
logo
List of Unclassifed Man...
ET4000V33 ETC1-ET4000V33 Datasheet
5Mb / 92P
Video Image Processor
logo
STMicroelectronics
TEA2028B STMICROELECTRONICS-TEA2028B Datasheet
104Kb / 9P
COLOR TV SCANNING AND POWER SUPPLY PROCESSOR
Aug-1993
logo
Silicon image
SII8200 SILICONIMAGE-SII8200 Datasheet
242Kb / 2P
Advanced Video Processor
logo
STMicroelectronics
TEA2128 STMICROELECTRONICS-TEA2128 Datasheet
238Kb / 8P
COLOR TV SCANNING AND POWER SUPPLY PROCESSOR
Dec-1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com