Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35061 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # M35061
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35061 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button M35061 Datasheet HTML 30Page - Renesas Technology Corp M35061 Datasheet HTML 31Page - Renesas Technology Corp M35061 Datasheet HTML 32Page - Renesas Technology Corp M35061 Datasheet HTML 33Page - Renesas Technology Corp M35061 Datasheet HTML 34Page - Renesas Technology Corp M35061 Datasheet HTML 35Page - Renesas Technology Corp M35061 Datasheet HTML 36Page - Renesas Technology Corp M35061 Datasheet HTML 37Page - Renesas Technology Corp M35061 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
33
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35061-XXXSP/FP
MITSUBISHI MICROCOMPUTERS
Symbol
VDD
VI
VO
Pd
Topr
Tstg
Parameter
Supply voltage
Input voltage
Output voltage
Power dissipation
Operating temperature
Storage temperature
Symbol
VDD
VIH
VIL
VCVIN
VOSCIN
fOSCIN
Supply voltage
“H” level input voltage AC, CS, SCK, AD0 to AD7
“L” level input voltage AC, CS, SCK, AD0 to AD7
Composite video input voltage CVIN
Input voltage OSCIN
Oscillation frequency for synchronous signal
(Duty 40~60%)
Parameter
ABSOLUTE MAXIMUM RATINGS (VDD = 5.00V, Ta = – 20
°C to +70°C unless otherwise noted)
Unit
V
V
V
mW
°C
°C
Unit
V
V
V
V
V
MHz
Min.
4.75
0.8 ✕ VDD
0
—
0.3 VP-P
—
Typ.
5.00
VDD
0
2 VP-P
—
3.580
4.434
3.576
Max.
5.25
VDD
0.2 ✕ VDD
—
4.0 VP-P
—
Limits
Conditions
With respect to VSS.
Ta = 25
°C
Ratings
– 0.3 to 6.0
VSS – 0.3 < VI < VDD + 0.3
VSS < VO < VDD
300
– 20 to 70
– 40 to 125
RECOMMENDED OPERATIONAL CONDITIONS (VDD = 5.00 V, Ta = – 20
°C to +70°C unless otherwise noted)
ELECTRICAL CHARACTERISTICS
Symbol
VDD
IDD
VOH
VOL
RI
Supply voltage
Supply current
“H” level output voltage P0 to P5
“L” level output voltage P0 to P5
Pull-up resistance AC
Parameter
Unit
V
mV
V
V
k
Ω
Ta = – 20
°C to +70°C
VDD = 5.00 V
VDD = 4.75, IOH = – 0.2 mA
VDD = 4.75, IOL = 0.2 mA
VDD = 5.00 V
Test conditions
Min.
4.75
—
3.75
—
10
Typ.
5.00
25
—
—
30
Max.
5.25
50
—
0.4
100
Limits
VIDEO SIGNAL INPUT CONDITIONS (VDD = 5.00 V, Ta = – 20
°C to +70°C)
Symbol
VIN-CU
Composite video signal input clamp voltage
Parameter
Unit
Sync-chip voltage
Test conditions
Min.
—
Typ.
1.5
Max.
—
Limits
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com