Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35061 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # M35061
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35061 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button M35061 Datasheet HTML 10Page - Renesas Technology Corp M35061 Datasheet HTML 11Page - Renesas Technology Corp M35061 Datasheet HTML 12Page - Renesas Technology Corp M35061 Datasheet HTML 13Page - Renesas Technology Corp M35061 Datasheet HTML 14Page - Renesas Technology Corp M35061 Datasheet HTML 15Page - Renesas Technology Corp M35061 Datasheet HTML 16Page - Renesas Technology Corp M35061 Datasheet HTML 17Page - Renesas Technology Corp M35061 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
13
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35061-XXXSP/FP
MITSUBISHI MICROCOMPUTERS
PTC0
PTC1
PTC2
PTC3
PTC4
PTC5
PTD0
PTD1
PTD2
PTD3
PTD4
PTD5
SRAND0
SRAND1
SRAND2
ALL24
PC0
PC1
PC2
PC3
PC4
PC5
PC6
PC7
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
10
11
12
13
14
15
16
17
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
(8) Address 2AF16
Status
DA
Register
Contents
Function
Remarks
Port P0 output
YM output
Port P1 output
BLNK output
Port P2 output
B output
Port P3 output
G output
Port P4 output
R output
Port P5 output
CSYN output
When port output: 0 output, when YM output: negative polarity.
When port output: 1 output, when YM output: polarity.
When port output: 0 output, when BLNK output: negative polarity.
When port output: 1 output, when BLNK output: polarity.
When port output: 0 output, when B output: negative polarity.
When port output: 1 output, when B output: polarity.
When port output: 0 output, when G output: negative polarity.
When port output: 1 output, when G output: polarity.
When port output: 0 output, when R output: negative polarity.
When port output: 1 output, when R output: polarity.
When port output: 0 output, when CSYN output: negative polarity.
When port output: 1 output, when CSYN output: polarity.
0
Complete border = 1 dot
Complete border = 2 dot
Complete border = 3 dot
Complete border = 4 dot
1
Right and dot border = 1 dot
Right and dot border = 2 dot
Right and dot border = 3 dot
Right and dot border = 4 dot
SRAND2
0
0
1
1
0
1
0
1
SRAND
1
SRAND
0
Vertical direction is 1 dot only.
Horizontal display range can be
altered when all characters are in
matrix-outline size.
At external synchronous, set to 0.
Operation of character code FF16
becomes ineffective.
Blanking with all 40 characters in matrix-outline mode
Display frequency fT control
7
n=0
Note:
At EX (address 2B016) = “0” (external synchronous), setting “1” of ALL24 register is not available.
Refer Fig. 2 about PTC0 to 5, PTD0 to 5.
Horizontal display period fully blanked with all characters in
matrix-outline size.
PC7 to PC0 < 3616,
PC7 to PC0 > C616 is not
available.
Select P0 pin
Select P1 pin
Select P2 pin
Select P3 pin
Select P4 pin
Select P5 pin
Select data of P0 pin
Select data of P1 pin
Select data of P2 pin
Select data of P3 pin
Select data of P4 pin
Select data of P5 pin
Condition of border display is
changeable.
fT = fH ✕ {
Σ (2nPCn) + 512 }



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com