Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35061 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # M35061
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35061 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button M35061 Datasheet HTML 20Page - Renesas Technology Corp M35061 Datasheet HTML 21Page - Renesas Technology Corp M35061 Datasheet HTML 22Page - Renesas Technology Corp M35061 Datasheet HTML 23Page - Renesas Technology Corp M35061 Datasheet HTML 24Page - Renesas Technology Corp M35061 Datasheet HTML 25Page - Renesas Technology Corp M35061 Datasheet HTML 26Page - Renesas Technology Corp M35061 Datasheet HTML 27Page - Renesas Technology Corp M35061 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
23
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35061-XXXSP/FP
MITSUBISHI MICROCOMPUTERS
(3) Compounding character ROM and SYRAM
You can compound characters in character ROM with SYRAM.
The compounding method is determined by the SYEX color ex-
pansion bit and the HIDE register (address 2AA16).
For dot lines where SYEX = 0, the SYRAM color is set by the dis-
play RAM’s SR, SG, and SB irrespective of the HIDE register’s
content.
If the HIDE register’s content is 0, the SYRAM color for dot lines
where SYEX = 1 is set by the LINER, LINEG, and LINEB regis-
ters (address 2AC16).
If the HIDE register’s content is 1, the character ROM part of the
dot lines where SYEX = 1 is overwritten in HIDE mode with colors
set by the LINER, LINEG, and LINEB registers irrespective of the
ROM’s content and color. The color of the SYRAM part is set by
the display RAM’s SR, SG, and SB as in the case of dot lines
where SYEX = 0.
Figure 10 shows an example for each instance of compounding.
LINER,
LINEG,
LINEB
Fig. 10 Compounding example
When HIDE = 1, the character ROM’s contents for dot lines where SYEX = 1 become invisible.
SYRAM
Contents of
register HIDE
0 (normal mode)
1 (HIDE mode)
Ex. 1
Ex. 2
SR,
SG,
SB
SYEX
0
0
0
0
0
0
0
0
0
0
0
0
0
SR,
SG,
SB
SYEX
0
0
0
0
0
0
0
0
0
0
0
0
0
SYEX
1
1
1
1
1
0
0
0
0
0
0
0
0
SR,
SG,
SB
LINER,
LINEG,
LINEB
SR,
SG,
SB
SYEX
1
1
1
1
1
0
0
0
0
0
0
0
0
Compounding
Character ROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com