Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35061 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # M35061
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35061 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button M35061 Datasheet HTML 29Page - Renesas Technology Corp M35061 Datasheet HTML 30Page - Renesas Technology Corp M35061 Datasheet HTML 31Page - Renesas Technology Corp M35061 Datasheet HTML 32Page - Renesas Technology Corp M35061 Datasheet HTML 33Page - Renesas Technology Corp M35061 Datasheet HTML 34Page - Renesas Technology Corp M35061 Datasheet HTML 35Page - Renesas Technology Corp M35061 Datasheet HTML 36Page - Renesas Technology Corp M35061 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
32
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35061-XXXSP/FP
MITSUBISHI MICROCOMPUTERS
TIMING REQUIREMENTS (Ta = – 20°C to + 70°C, VDD = 5.00 ± 0.25V unless otherwise noted)
tW (SCK)
tsu (CS)
th (CS)
tsu (AD)
th (AD)
th (SCK)
Symbol
SCK width
CS setup time
CS hold time
AD setup time
AD hold time
1 word hold time
Paramenter
Limits
Min.
200
200
2
200
200
2
Typ.
Max.
ns
ns
ms
ns
ns
ms
Unit
Fig. 17 Serial input timing requirements
DATA INPUT
SCK
CS
CS
SCK
2
µs
(min.)
tw(CS)
tw(SCK)
tsu(AD)
th(AD)
tsu(CS)
th(CS)
tw(SCK)
12
3
1
2
3
12
3
th(SCK)
AD0 to 7
more than
2
µs
th(SCK)
more than
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com