Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35061 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # M35061
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35061 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button M35061 Datasheet HTML 26Page - Renesas Technology Corp M35061 Datasheet HTML 27Page - Renesas Technology Corp M35061 Datasheet HTML 28Page - Renesas Technology Corp M35061 Datasheet HTML 29Page - Renesas Technology Corp M35061 Datasheet HTML 30Page - Renesas Technology Corp M35061 Datasheet HTML 31Page - Renesas Technology Corp M35061 Datasheet HTML 32Page - Renesas Technology Corp M35061 Datasheet HTML 33Page - Renesas Technology Corp M35061 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
29
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35061-XXXSP/FP
MITSUBISHI MICROCOMPUTERS
10. Notes on fsc signal input
(1) This IC amplifies the subcarrier frequency (fsc) signal (NTSC sys-
tem: 3.580 MHz, PAL system: 4.434 MHz, M-PAL system: 3.576
MHz) input to the OSCIN pin and generates the composite video
signal internally.
The amplified fsc signal can be destabilized in the following cases.
(a) When the fsc signal is outside of recommended operating
conditions
(b) When the waveform of the fsc signal is distorted
(c) When DC level in the fsc waveform fluctuates
When the amplified signal is unstable, the composite video signal
generated inside the IC is also unstable in terms of synchroniza-
tion with the subcarrier and phase.
Consequently, this results in color flicker and lost synchroniza-
tion when the composite video signal is generated. Make note of
the fact that this may prevent a stable blue background from be-
ing formed.
(2) When switching to internal synchronization from external syn-
chronization (fsc signal is OFF), start fsc signal input 20 m sec or
more before the internal oscillator circuit stabilizes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com