Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35061 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # M35061
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35061 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button M35061 Datasheet HTML 32Page - Renesas Technology Corp M35061 Datasheet HTML 33Page - Renesas Technology Corp M35061 Datasheet HTML 34Page - Renesas Technology Corp M35061 Datasheet HTML 35Page - Renesas Technology Corp M35061 Datasheet HTML 36Page - Renesas Technology Corp M35061 Datasheet HTML 37Page - Renesas Technology Corp M35061 Datasheet HTML 38Page - Renesas Technology Corp M35061 Datasheet HTML 39Page - Renesas Technology Corp M35061 Datasheet HTML 40Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
37
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35061-XXXSP/FP
MITSUBISHI MICROCOMPUTERS
PACKAGE OUTLINE
SOP32-P-450-1.27
Weight(g)
–
JEDEC Code
0.67
EIAJ Package Code
Lead Material
Alloy 42
32P2W-A
Plastic 32pin 450mil SOP
Symbol
Min
Nom
Max
A
A2
b
c
D
E
L
L1
y
Dimension in Millimeters
HE
A1
I2
–
–
.35
0
.05
0
.13
0
.8
19
.2
8
–
.63
11
.3
0
–
–
–
.27
1
–
–
.0
2
.4
0
.15
0
.0
20
.4
8
.27
1
.93
11
.5
0
.765
1
–
.43
11
–
–
.4
2
–
.5
0
.2
0
.2
20
.6
8
–
.23
12
.7
0
–
.15
0
–
b2
–
.76
0
–
–
0
–
10
e
e1
32
17
16
1
D
e
F
A
A2
A1
c
e
b2
Recommended Mount Pad
Detail F
z
Z1
Detail G
x
–
–
Z1
–
0.475
–
–
–
0.625
0.25
z
G
y
b
x
M
32P4B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com