Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35061 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M35061
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35061 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M35061 Datasheet HTML 3Page - Renesas Technology Corp M35061 Datasheet HTML 4Page - Renesas Technology Corp M35061 Datasheet HTML 5Page - Renesas Technology Corp M35061 Datasheet HTML 6Page - Renesas Technology Corp M35061 Datasheet HTML 7Page - Renesas Technology Corp M35061 Datasheet HTML 8Page - Renesas Technology Corp M35061 Datasheet HTML 9Page - Renesas Technology Corp M35061 Datasheet HTML 10Page - Renesas Technology Corp M35061 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
6
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35061-XXXSP/FP
MITSUBISHI MICROCOMPUTERS
REGISTERS DESCRIPTION
VS
HS
1 bit weights 1 clock.
(1) Address 2A816
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Status
DA
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
10
11
12
13
14
15
16
17
Register
VP0
VP1
VP2
VP3
VP4
VP5
VP6
VP7
HP0
HP1
HP2
HP3
HP4
HP5
HP6
HP7
HP8
TEST10
TEST11
TEST0
TEST1
TEST2
TEST3
Contents
Function
If VS is the vertical display start location,
If HS is the horizontal display start location,
H: Cycle with the horizontal synchronizing pulse
T: Cycle with the display clock
Test mode (Must be cleared to 0.)
Must be cleared to 0.
Remarks
The vertical start location is
specified using the 8 bits from
VP7 to VP0.
VP7 to VP0 < 1416 are not
available.
The horizontal start location is
specified using the 9 bits from
HP8 to HP0.
HP8 to HP0 < 1916 are not
available.
7
n=0
8
n=0
HOR
Character
displaying area
TV screen
__
Note: The mark
around the status value means the reset status by the “L” level is input to AC pin.
VS = H ✕ (
Σ 2n VPn )
HS = T ✕ (
Σ 2n HPn + 9 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com