Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35061 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M35061
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35061 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M35061 Datasheet HTML 6Page - Renesas Technology Corp M35061 Datasheet HTML 7Page - Renesas Technology Corp M35061 Datasheet HTML 8Page - Renesas Technology Corp M35061 Datasheet HTML 9Page - Renesas Technology Corp M35061 Datasheet HTML 10Page - Renesas Technology Corp M35061 Datasheet HTML 11Page - Renesas Technology Corp M35061 Datasheet HTML 12Page - Renesas Technology Corp M35061 Datasheet HTML 13Page - Renesas Technology Corp M35061 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
9
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35061-XXXSP/FP
MITSUBISHI MICROCOMPUTERS
(4) Address 2AB16
DSP0 00
DSP0 01
DSP0 02
DSP0 03
DSP0 04
DSP0 05
DSP0 06
DSP0 07
DSP0 08
DSP0 09
DSP0 10
DSP0 11
DSP0 12
DSP0 13
DSP0 14
DSP0 15
DSP0 16
PHASE 0
PHASE 1
PHASE 2
TEST25
TEST26
—
—
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
10
11
12
13
14
15
16
17
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Status
DA
Register
Contents
Function
Remarks
Set to line 0 of display RAM
Set to line 1 of display RAM
Set to line 2 of display RAM
Set to line 3 of display RAM
Set to line 4 of display RAM
Set to line 5 of display RAM
Set to line 6 of display RAM
Set to line 7 of display RAM
Set to line 8 of display RAM
Set to line 9 of display RAM
Set to line 10 of display RAM
Set to line 11 of display RAM
Set to line 12 of display RAM
Set to line 13 of display RAM
Set to line 14 of display RAM
Set to line 15 of display RAM
Set to line 16 of display RAM
Set by combination of DSP0XX (address 2AB16) and DSP1XX
(address 2AC16).
At internal synchronous mode (EX = 1), display monitor signal
area is all blanking signal (BLNK output) area.
Note: For half-tone display, it is necessary to input the external
composite video signal to the CVIN pin, and externally
connect a 100 to 200
resistor in series. However , the
half-tone display is possible only with superimposed
displays.
0
Character
Matrix-outline
1
Border
Halftone
(Note)
0
1
DSP0XX
DSP1XX
Raster color setting.
Refer Fig 3, 4 about phase angle.
SELCOR=0
Black
Red
Green
Yellow
Blue
Magenta
Cyan
White
SELCOR=1
Black
Red–2
Green–2
Yellow
Gray
Yellow–2
Cyan
White
Color
0
1
0
1
0
1
0
1
0
0
1
1
0
0
1
1
PHASE
0
PHASE
1
PHASE
2
0
0
0
0
1
1
1
1
Test mode (Must be cleared to 0.)
Must be cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com