Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35061 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # M35061
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35061 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button M35061 Datasheet HTML 16Page - Renesas Technology Corp M35061 Datasheet HTML 17Page - Renesas Technology Corp M35061 Datasheet HTML 18Page - Renesas Technology Corp M35061 Datasheet HTML 19Page - Renesas Technology Corp M35061 Datasheet HTML 20Page - Renesas Technology Corp M35061 Datasheet HTML 21Page - Renesas Technology Corp M35061 Datasheet HTML 22Page - Renesas Technology Corp M35061 Datasheet HTML 23Page - Renesas Technology Corp M35061 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
19
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35061-XXXSP/FP
MITSUBISHI MICROCOMPUTERS
Fig. 5 Setting example all matrix-outline area
TV Screen
Note : It is not available to set when external synchronous(register EX = “0”)
BR,BG,BB
Line 9
DSP1 08
DSP1 09
DSP1 10
DSP1 16
DSP1 00
Setting example of register
DSP1xx
PHASE0,PHASE1,PHASE2
OSD display area
40 characters
“0”
“0”
“0”
“1”
“0”
“0”
“1”
ALL24
Horizontal display area all
matrix-outline
ALL24
to characters all matrix-outline
3. Setting matrix outline
The ALL24 register (address 2AF16) allows you to set a matrix
out-line. A matrix outline can be set for each line by using the
DSP1XX register (address 2AC16) .
However, this setting is inhibited if the EX register (address 2B016)
is 0 (external sync). An example of how you set a matrix outline is
shown in Figure 5.
4. Blinking mode
Two patterns blinking by register BLINK3 (address 2A916) or
BLINK bit of display RAM.
Blinking mode is shown in Table 11 (SYRAM do not blink).
Table 11
Blinking mode
Blink OFF
Duty 50%
01
Duty 25%
Duty 75%
0
1
BLINK0
BLINK1
Table 12
Setting of duty ratio
BLINK2
0
1
Cycle
Approximately 1 second (Vertical sync
divided into 1/64)
Approximately 0.5 second (Vertical sync
divided into 1/32)
Table 13
Setting of cycle
0
BLINK3
Blinking mode
at blinking OFF
Blinking
Normal character, reversed
character alternation display
1
Normal
Reverse
Use registers BLINK0, 1, and 2 (address 2A916) to set the duty
ratio and period that determines the blinking time. Tables 12 and
13 list the relationship between the register settings and the duty
ratio and pe-riod.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com