Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35061 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # M35061
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35061 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button M35061 Datasheet HTML 15Page - Renesas Technology Corp M35061 Datasheet HTML 16Page - Renesas Technology Corp M35061 Datasheet HTML 17Page - Renesas Technology Corp M35061 Datasheet HTML 18Page - Renesas Technology Corp M35061 Datasheet HTML 19Page - Renesas Technology Corp M35061 Datasheet HTML 20Page - Renesas Technology Corp M35061 Datasheet HTML 21Page - Renesas Technology Corp M35061 Datasheet HTML 22Page - Renesas Technology Corp M35061 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
18
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35061-XXXSP/FP
MITSUBISHI MICROCOMPUTERS
For matrix and halftone, a character’s number of dots in the horizontal direction increases to 14.
Figure 4 shows a display example for a case where adjacent characters have different background colors and for character code FF16.
2. Border mode
In border mode, characters are displayed with borders. (Refer to
Table 9.) In matrix and halftone modes also, characters are dis-
played with borders if the BLK register (address 2B016) is set to 1.
Table 10 lists the types of borders.
Fig. 4 Number of dots in the horizontal direction at matrix-outline or halftone
13 dots
12 dots
13 dots
11 dots
14 dots
11 dots
11 dots
Character code FF 16
40 characters
Table 10
Bordering
00
1dot in horizontal
direction
2 dots in horizontal
direction
3 dots in horizontal
direction
4 dots in horizontal
direction
1 dot in horizontal
direction
2 dots in horizontal
direction
3 dots in horizontal
direction
4 dots in horizontal
direction
01
10
11
0
1
The zero
dot
SRAND2
(Address 2AF16)
SRAND1, 0
Horizontal direction bordering is only 1 dot. When the character extends to the top line of the matrix, no border is left at the top, and when the
character extends to the bottom (12th) line of the matrix, no border is left at the bottom.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com