Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35061 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M35061
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35061 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M35061 Datasheet HTML 17Page - Renesas Technology Corp M35061 Datasheet HTML 18Page - Renesas Technology Corp M35061 Datasheet HTML 19Page - Renesas Technology Corp M35061 Datasheet HTML 20Page - Renesas Technology Corp M35061 Datasheet HTML 21Page - Renesas Technology Corp M35061 Datasheet HTML 22Page - Renesas Technology Corp M35061 Datasheet HTML 23Page - Renesas Technology Corp M35061 Datasheet HTML 24Page - Renesas Technology Corp M35061 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
20
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35061-XXXSP/FP
MITSUBISHI MICROCOMPUTERS
5. Scroll display mode
The scroll display mode is entered by setting registers SBIT0 to 3
(SA), SLIN0 to 4 (SB), SST0 to 4 (SC), and SEND0 to 4 (SD) (all
at address 2AE16). (Scroll is turned off when SD = 0.)
The screen is scrolled in the range from the (SC)’th line to the
(SD-1)’th line, and sections above and below this range are fixed.
The beginning line and beginning dot of scroll are the (SA)’th dot
on the (SB)’th line.
The screen can be scrolled up or down by successively
incrementing or decrementing SA and SB.
Figure 6 shows examples of how the display is scrolled. The scroll
range in these examples contains 12 lines (second to the 13th lines).
However, the screen can display only 11 lines at a time, and the
re-maining one line is handled as a dummy line and not displayed.
Fig. 6 Scrolling example
When displayed in order of SA = 0, 1, 2, and so on, the screen scrolls up. When displayed in order of SA = 12, 11, 10, and so on, the
screen scrolls down.
(1) To scroll the screen up, write the dummy line after you set the 0th dot in SA but before setting the 1st dot.
(2) To scroll the screen down, write the dummy line after you set the 0th dot in SA but before setting the 12th dot of the preceding line.
Setting example 2
SA = 3
SB = 5
SC = 2
SD = 14
Setting example 1
SA = 0
SB = 2
SC = 2
SD = 14
Line number when
on screen display
Line number when
on screen display
Dummy line
5th line (0 dot to 2 dots)
or
4th line (3 dots to 12 dots)
Zero line
1st line
3rd
4th line
5th line
6th line
7th line
8th line
10th line
11th line
12th line (0 dot to 12 dots)
14th line
15th line
16th line
< fixed block >
< fixed block >
< Scrolling block >
2nd line (0 dot to 12 dots)
9th line
13
14
15
0
1
2
3
4
5
6
7
8
9
10
11
12
Zero line
1st line
6th line
7th line
8th line
10th line
11th line
12th line
13th line
14th line
15th line
16th line
<
fixed block >
<
Scrolling block >
5th line (3 dots to 12 dots)
<
fixed block >
9th line
4th line (0 dot to 2 dots)
3rd line
2nd line
2
3
4
5
6
7
8
9
10
11
12
0
1
13
14
15
Dummy line
13th line (0 dot to 12 dots)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com