Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H838532H Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # H838532H
Description  16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838532H Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button H838532H Datasheet HTML 31Page - Renesas Technology Corp H838532H Datasheet HTML 32Page - Renesas Technology Corp H838532H Datasheet HTML 33Page - Renesas Technology Corp H838532H Datasheet HTML 34Page - Renesas Technology Corp H838532H Datasheet HTML 35Page - Renesas Technology Corp H838532H Datasheet HTML 36Page - Renesas Technology Corp H838532H Datasheet HTML 37Page - Renesas Technology Corp H838532H Datasheet HTML 38Page - Renesas Technology Corp H838532H Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 508 page
background image
Section 2 CPU
Rev. 1.00 May 30, 2008 Page 15 of 484
REJ09B0436-0100
Section 2 CPU
This LSI has an H8/300H CPU with an internal 32-bit architecture that is upward-compatible with
the H8/300 CPU, and supports only normal mode, which has a 64-Kbyte address space.
• Upward-compatible with H8/300 CPUs
Can execute H8/300 CPUs object programs
Additional eight 16-bit extended registers
32-bit transfer and arithmetic and logic instructions are added
Signed multiply and divide instructions are added.
• General-register architecture
Sixteen 16-bit general registers also usable as sixteen 8-bit registers and eight 16-bit registers,
or eight 32-bit registers
• Sixty-two basic instructions
8/16/32-bit data transfer and arithmetic and logic instructions
Multiply and divide instructions
Powerful bit-manipulation instructions
• Eight addressing modes
Register direct [Rn]
Register indirect [@ERn]
Register indirect with displacement [@(d:16,ERn) or @(d:24,ERn)]
Register indirect with post-increment or pre-decrement [@ERn+ or @–ERn]
Absolute address [@aa:8, @aa:16, @aa:24]
Immediate [#xx:8, #xx:16, or #xx:32]
Program-counter relative [@(d:8,PC) or @(d:16,PC)]
Memory indirect [@@aa:8]
• 64-Kbyte address space
• High-speed operation
All frequently-used instructions execute in one or two states
8/16/32-bit register-register add/subtract : 2 state
8
× 8-bit register-register multiply
: 14 states
16 ÷ 8-bit register-register divide
: 14 states
16
× 16-bit register-register multiply
: 22 states
32 ÷ 16-bit register-register divide
: 22 states



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com