Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H838532H Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # H838532H
Description  16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838532H Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button H838532H Datasheet HTML 78Page - Renesas Technology Corp H838532H Datasheet HTML 79Page - Renesas Technology Corp H838532H Datasheet HTML 80Page - Renesas Technology Corp H838532H Datasheet HTML 81Page - Renesas Technology Corp H838532H Datasheet HTML 82Page - Renesas Technology Corp H838532H Datasheet HTML 83Page - Renesas Technology Corp H838532H Datasheet HTML 84Page - Renesas Technology Corp H838532H Datasheet HTML 85Page - Renesas Technology Corp H838532H Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 508 page
background image
Section 3 Exception Handling
Rev. 1.00 May 30, 2008 Page 62 of 484
REJ09B0436-0100
Table 3.2
Interrupt Sources and Their Priorities
Interrupt Source
Interrupt
Vector Number
Vector Address
Priority
RES
Watchdog timer
Reset
0
H'0000 to H'0001
High
IRQ
0
IRQ
0
4
H'0008 to H'0009
IRQ
1
IRQ
1
5
H'000A to H'000B
IRQ
2
IRQ
2
6
H'000C to H'000D
IRQ
3
IRQ
3
7
H'000E to H'000F
IRQ
4
IRQ
4
8
H'0010 to H'0011
WKP
0
WKP
1
WKP
2
WKP
3
WKP
4
WKP
5
WKP
6
WKP
7
WKP
0
WKP
1
WKP
2
WKP
3
WKP
4
WKP
5
WKP
6
WKP
7
9
H'0012 to H'0013
Timer A
Timer A overflow
11
H'0016 to H'0017
Asynchronous counter Asynchronous counter overflow 12
H'0018 to H'0019
Timer C
Timer C overflow or underflow
13
H'001A to H'001B
Timer FL
Timer FL compare match
Timer FL overflow
14
H'001C to H'001D
Timer FH
Timer FH compare match
Timer FH overflow
15
H'001E to H'001F
Timer G
Timer G input capture
Timer G overflow
16
H'0020 to H'0021
SCI3-1
SCI3-1 transmit end
SCI3-1 transmit data empty
SCI3-1 receive data full
SCI3-1 overrrun error
SCI3-1 framing error
SCI3-1 parity error
17
H'0022 to H'0023
SCI3-2
SCI3-2 transmit end
SCI3-2 transmit data empty
SCI3-2 receive data full
SCI3-2 overrun error
SCI3-2 framing error
SCI3-2 parity error
18
H'0024 to H'0025
A/D
A/D conversion end
19
H'0026 to H'0027
(SLEEP instruction
executed)
Direct transfer
20
H'0028 to H'0029
Low
Note:
Vector addresses H'0002 to H'0007 and H'0014 to H'0015 are reserved and cannot be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com