Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H838532H Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # H838532H
Description  16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838532H Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button H838532H Datasheet HTML 27Page - Renesas Technology Corp H838532H Datasheet HTML 28Page - Renesas Technology Corp H838532H Datasheet HTML 29Page - Renesas Technology Corp H838532H Datasheet HTML 30Page - Renesas Technology Corp H838532H Datasheet HTML 31Page - Renesas Technology Corp H838532H Datasheet HTML 32Page - Renesas Technology Corp H838532H Datasheet HTML 33Page - Renesas Technology Corp H838532H Datasheet HTML 34Page - Renesas Technology Corp H838532H Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 508 page
background image
Section 1 Overview
Rev. 1.00 May 30, 2008 Page 11 of 484
REJ09B0436-0100
Pin No.
Type
Symbol
FP-80A, TFP-80C I/O
Name and Functions
RES
9
Input
Reset: When this pin is driven low, the
chip is reset
System
control
TEST
8
Input
Test pin: This pin is reserved and cannot
be used. It should be connected to V
SS.
IRQ0
IRQ1
IRQ2
IRQ3
IRQ4
72
15
16
17
14
Input
IRQ interrupt request 0 to 4: These are
input pins for edge-sensitive external
interrupts, with a selection of rising or
falling edge
Interrupt
pins
WKP7 to
WKP0
44 to 37
Input
Wakeup interrupt request 0 to 7: These
are input pins for rising or falling-edge-
sensitive external interrupts.
TMOW
10
Output Clock output: This is an output pin for
waveforms generated by the timer A
output circuit.
AEVL
AEVH
25
24
Input
Asynchronous event counter event
input: This is an event input pin for input
to the asynchronous event counter.
TMIC
15
Input
Timer C event input: This is an event
input pin for input to the timer C counter.
UD
19
Input
Timer C up/down select: This pin selects
up- or down-counting for the timer C
counter. The counter operates as a down-
counter when this pin is high, and as an
up-counter when low.
TMIF
17
Input
Timer F event input: This is an event
input pin for input to the timer F counter.
TMOFL
11
Output Timer FL output: This is an output pin for
waveforms generated by the timer FL
output compare function.
TMOFH
12
Output Timer FH output: This is an output pin for
waveforms generated by the timer FH
output compare function.
Timer pins
TMIG
13
Input
Timer G capture input: This is an input
pin for timer G input capture.
14-bit
PWM pin
PWM
18
Output 14-bit PWM output: This is an output pin
for waveforms generated by the 14-bit
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com