Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H838532H Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # H838532H
Description  16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838532H Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button H838532H Datasheet HTML 82Page - Renesas Technology Corp H838532H Datasheet HTML 83Page - Renesas Technology Corp H838532H Datasheet HTML 84Page - Renesas Technology Corp H838532H Datasheet HTML 85Page - Renesas Technology Corp H838532H Datasheet HTML 86Page - Renesas Technology Corp H838532H Datasheet HTML 87Page - Renesas Technology Corp H838532H Datasheet HTML 88Page - Renesas Technology Corp H838532H Datasheet HTML 89Page - Renesas Technology Corp H838532H Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 508 page
background image
Section 3 Exception Handling
Rev. 1.00 May 30, 2008 Page 66 of 484
REJ09B0436-0100
Bits 4 to 0: IRQ
4 to IRQ0 interrupt enable (IEN4 to IEN0)
Bits 4 to 0 enable or disable IRQ
4 to IRQ0 interrupt requests.
Bit n
IENn
Description
0
Disables interrupt requests from pin
IRQn
(initial value)
1
Enables interrupt requests from pin
IRQn
(n = 4 to 0)
(3) Interrupt Enable Register 2 (IENR2)
Bit
Initial value
Read/Write
7
IENDT
0
R/W
6
IENAD
0
R/W
5
—
0
R/W
4
IENTG
0
R/W
3
IENTFH
0
R/W
0
IENEC
0
R/W
2
IENTFL
0
R/W
1
IENTC
0
R/W
IENR2 is an 8-bit read/write register that enables or disables interrupt requests.
Bit 7: Direct transfer interrupt enable (IENDT)
Bit 7 enables or disables direct transfer interrupt requests.
Bit 7
IENDT
Description
0
Disables direct transfer interrupt requests
(initial value)
1
Enables direct transfer interrupt requests
Bit 6: A/D converter interrupt enable (IENAD)
Bit 6 enables or disables A/D converter interrupt requests.
Bit 6
IENAD
Description
0
Disables A/D converter interrupt requests
(initial value)
1
Enables A/D converter interrupt requests



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com