Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H838532H Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # H838532H
Description  16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838532H Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button H838532H Datasheet HTML 88Page - Renesas Technology Corp H838532H Datasheet HTML 89Page - Renesas Technology Corp H838532H Datasheet HTML 90Page - Renesas Technology Corp H838532H Datasheet HTML 91Page - Renesas Technology Corp H838532H Datasheet HTML 92Page - Renesas Technology Corp H838532H Datasheet HTML 93Page - Renesas Technology Corp H838532H Datasheet HTML 94Page - Renesas Technology Corp H838532H Datasheet HTML 95Page - Renesas Technology Corp H838532H Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 508 page
background image
Section 3 Exception Handling
Rev. 1.00 May 30, 2008 Page 72 of 484
REJ09B0436-0100
(6) Wakeup Interrupt Request Register (IWPR)
Bit
Initial value
Read/Write
7
IWPF7
0
R/W
6
IWPF6
0
R/W
5
IWPF5
0
R/W
4
IWPF4
0
R/W
3
IWPF3
0
R/W
0
IWPF0
0
R/W
2
IWPF2
0
R/W
1
IWPF1
0
R/W
**
*
*
*
*
**
Note: * Only a write of 0 for flag clearing is possible
IWPR is an 8-bit read/write register containing wakeup interrupt request flags. When one of pins
WKP
7 to WKP0 is designated for wakeup input and a rising or falling edge is input at that pin, the
corresponding flag in IWPR is set to 1. A flag is not cleared automatically when the corresponding
interrupt is accepted. Flags must be cleared by writing 0.
Bits 7 to 0: Wakeup interrupt request flags (IWPF7 to IWPF0)
Bit n
IWPFn
Description
0
Clearing condition:
(initial value)
When IWPFn= 1, it is cleared by writing 0
1
Setting condition:
When pin
WKP
n is designated for wakeup input and a rising or falling edge is input
at that pin
(n = 7 to 0)
(7) Wakeup Edge Select Register (WEGR)
Bit
Initial value
Read/Write
7
WKEGS7
0
R/W
6
WKEGS6
0
R/W
5
WKEGS5
0
R/W
4
WKEGS4
0
R/W
3
WKEGS3
0
R/W
0
WKEGS0
0
R/W
2
WKEGS2
0
R/W
1
WKEGS1
0
R/W
WEGR is an 8-bit read/write register that specifies rising or falling edge sensing for pins
WKPn.
WEGR is initialized to H'00 by a reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com