Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H838532H Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # H838532H
Description  16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838532H Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button H838532H Datasheet HTML 61Page - Renesas Technology Corp H838532H Datasheet HTML 62Page - Renesas Technology Corp H838532H Datasheet HTML 63Page - Renesas Technology Corp H838532H Datasheet HTML 64Page - Renesas Technology Corp H838532H Datasheet HTML 65Page - Renesas Technology Corp H838532H Datasheet HTML 66Page - Renesas Technology Corp H838532H Datasheet HTML 67Page - Renesas Technology Corp H838532H Datasheet HTML 68Page - Renesas Technology Corp H838532H Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 508 page
background image
Section 2 CPU
Rev. 1.00 May 30, 2008 Page 45 of 484
REJ09B0436-0100
2.5.2
Effective Address Calculation
Table 2.12 indicates how effective addresses are calculated in each addressing mode. In this LSI
the upper 8 bits of the effective address are ignored in order to generate a 16-bit effective address.
Table 2.12
Effective Address Calculation (1)
No
1
r
op
31
0
23
2
3
Register indirect with displacement
@(d:16,ERn) or @(d:24,ERn)
4
r
op
disp
r
op
rm
op
rn
31
0
0
r
op
23
0
31
0
disp
31
0
31
0
23
0
23
0
Addressing Mode and Instruction Format
Effective Address Calculation
Effective Address (EA)
Register direct(Rn)
General register contents
General register contents
General register contents
General register contents
Sign extension
Register indirect(@ERn)
Register indirect with post-increment or
pre-decrement
•Register indirect with post-increment @ERn+
•Register indirect with pre-decrement @-ERn
1, 2, or 4
1, 2, or 4
Operand is general register contents.
The value to be added or subtracted is 1 when the
operand is byte size, 2 for word size, and 4 for
longword size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com