Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H838532H Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # H838532H
Description  16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838532H Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button H838532H Datasheet HTML 90Page - Renesas Technology Corp H838532H Datasheet HTML 91Page - Renesas Technology Corp H838532H Datasheet HTML 92Page - Renesas Technology Corp H838532H Datasheet HTML 93Page - Renesas Technology Corp H838532H Datasheet HTML 94Page - Renesas Technology Corp H838532H Datasheet HTML 95Page - Renesas Technology Corp H838532H Datasheet HTML 96Page - Renesas Technology Corp H838532H Datasheet HTML 97Page - Renesas Technology Corp H838532H Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 508 page
background image
Section 3 Exception Handling
Rev. 1.00 May 30, 2008 Page 74 of 484
REJ09B0436-0100
3.3.4
Internal Interrupts
There are 23 internal interrupts that can be requested by the on-chip peripheral modules. When a
peripheral module requests an interrupt, the corresponding bit in IRR1 or IRR2 is set to 1.
Recognition of individual interrupt requests can be disabled by clearing the corresponding bit in
IENR1 or IENR2. All these interrupts can be masked by setting the I bit to 1 in CCR. When
internal interrupt handling is initiated, the I bit is set to 1 in CCR. Vector numbers from 20 to 11
are assigned to these interrupts. Table 3.2 shows the order of priority of interrupts from on-chip
peripheral modules.
3.3.5
Interrupt Operations
Interrupts are controlled by an interrupt controller. Figure 3.2 shows a block diagram of the
interrupt controller. Figure 3.3 shows the flow up to interrupt acceptance.
Interrupt controller
Interrupt
request
CCR (CPU)
I
External or
internal
interrupts
External
interrupts or
internal
interrupt
enable
signals
Figure 3.2 Block Diagram of Interrupt Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com