Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H838532H Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # H838532H
Description  16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838532H Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button H838532H Datasheet HTML 57Page - Renesas Technology Corp H838532H Datasheet HTML 58Page - Renesas Technology Corp H838532H Datasheet HTML 59Page - Renesas Technology Corp H838532H Datasheet HTML 60Page - Renesas Technology Corp H838532H Datasheet HTML 61Page - Renesas Technology Corp H838532H Datasheet HTML 62Page - Renesas Technology Corp H838532H Datasheet HTML 63Page - Renesas Technology Corp H838532H Datasheet HTML 64Page - Renesas Technology Corp H838532H Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 508 page
background image
Section 2 CPU
Rev. 1.00 May 30, 2008 Page 41 of 484
REJ09B0436-0100
2.5
Addressing Modes and Effective Address Calculation
The following describes the H8/300H CPU. In this LSI, the upper eight bits are ignored in the
generated 24-bit address, so the effective address is 16 bits.
2.5.1
Addressing Modes
The H8/300H CPU supports the eight addressing modes listed in table 2.10. Each instruction uses
a subset of these addressing modes. Addressing modes that can be used differ depending on the
instruction. For details, refer to appendix A.4, Combinations of Instructions and Addressing
Modes.
Arithmetic and logic instructions can use the register direct and immediate modes. Data transfer
instructions can use all addressing modes except program-counter relative and memory indirect.
Bit-manipulation instructions use register direct, register indirect, or the absolute addressing mode
(@aa:8) to specify an operand, and register direct (BSET, BCLR, BNOT, and BTST instructions)
or immediate (3-bit) addressing mode to specify a bit number in the operand.
Table 2.10
Addressing Modes
No.
Addressing Mode
Symbol
1
Register direct
Rn
2
Register indirect
@ERn
3
Register indirect with displacement
@(d:16,ERn)/@(d:24,ERn)
4
Register indirect with post-increment
Register indirect with pre-decrement
@ERn+
@–ERn
5
Absolute address
@aa:8/@aa:16/@aa:24
6
Immediate
#xx:8/#xx:16/#xx:32
7
Program-counter relative
@(d:8,PC)/@(d:16,PC)
8
Memory indirect
@@aa:8
(1) Register Direct
Rn
The register field of the instruction specifies an 8-, 16-, or 32-bit general register containing the
operand. R0H to R7H and R0L to R7L can be specified as 8-bit registers. R0 to R7 and E0 to E7
can be specified as 16-bit registers. ER0 to ER7 can be specified as 32-bit registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com