Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H838532H Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # H838532H
Description  16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838532H Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button H838532H Datasheet HTML 89Page - Renesas Technology Corp H838532H Datasheet HTML 90Page - Renesas Technology Corp H838532H Datasheet HTML 91Page - Renesas Technology Corp H838532H Datasheet HTML 92Page - Renesas Technology Corp H838532H Datasheet HTML 93Page - Renesas Technology Corp H838532H Datasheet HTML 94Page - Renesas Technology Corp H838532H Datasheet HTML 95Page - Renesas Technology Corp H838532H Datasheet HTML 96Page - Renesas Technology Corp H838532H Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 508 page
background image
Section 3 Exception Handling
Rev. 1.00 May 30, 2008 Page 73 of 484
REJ09B0436-0100
Bit n:
WKPn edge select (WKEGSn)
Bit n selects
WKPn pin input sensing.
Bit n
WKEGSn
Description
0
WKPn pin falling edge detected
(initial value)
1
WKPn pin rising edge detected
(n = 7 to 0)
3.3.3
External Interrupts
There are 13 external interrupts: IRQ
4 to IRQ0 and WKP7 to WKP0.
(1) Interrupts WKP
7 to WKP0
Interrupts WKP
7 to WKP0 are requested by either rising or falling edge input to pins WKP7 to
WKP
0. When these pins are designated as pins WKP7 to WKP0 in port mode register 5 and a rising
or falling edge is input, the corresponding bit in IWPR is set to 1, requesting an interrupt.
Recognition of wakeup interrupt requests can be disabled by clearing the IENWP bit to 0 in
IENR1. These interrupts can all be masked by setting the I bit to 1 in CCR.
When WKP
7 to WKP0 interrupt exception handling is initiated, the I bit is set to 1 in CCR. Vector
number 9 is assigned to interrupts WKP
7 to WKP0. All eight interrupt sources have the same
vector number, so the interrupt-handling routine must discriminate the interrupt source.
(2) Interrupts IRQ
4 to IRQ0
Interrupts IRQ
4 to IRQ0 are requested by input signals to pins IRQ4 to IRQ0. These interrupts are
detected by either rising edge sensing or falling edge sensing, depending on the settings of bits
IEG4 to IEG0 in IEGR.
When these pins are designated as pins
IRQ
4 to IRQ0 in port mode register 3 and 1 and the
designated edge is input, the corresponding bit in IRR1 is set to 1, requesting an interrupt.
Recognition of these interrupt requests can be disabled individually by clearing bits IEN4 to IEN0
to 0 in IENR1. These interrupts can all be masked by setting the I bit to 1 in CCR.
When IRQ
4 to IRQ0 interrupt exception handling is initiated, the I bit is set to 1 in CCR. Vector
numbers 8 to 4 are assigned to interrupts IRQ
4 to IRQ0. The order of priority is from IRQ0 (high) to
IRQ
4 (low). Table 3.2 gives details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com