Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H838532H Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # H838532H
Description  16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838532H Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button H838532H Datasheet HTML 81Page - Renesas Technology Corp H838532H Datasheet HTML 82Page - Renesas Technology Corp H838532H Datasheet HTML 83Page - Renesas Technology Corp H838532H Datasheet HTML 84Page - Renesas Technology Corp H838532H Datasheet HTML 85Page - Renesas Technology Corp H838532H Datasheet HTML 86Page - Renesas Technology Corp H838532H Datasheet HTML 87Page - Renesas Technology Corp H838532H Datasheet HTML 88Page - Renesas Technology Corp H838532H Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 508 page
background image
Section 3 Exception Handling
Rev. 1.00 May 30, 2008 Page 65 of 484
REJ09B0436-0100
(2) Interrupt Enable Register 1 (IENR1)
Bit
Initial value
Read/Write
7
IENTA
0
R/W
6
—
0
R/W
5
IENWP
0
R/W
4
IEN4
0
R/W
3
IEN3
0
R/W
0
IEN0
0
R/W
2
IEN2
0
R/W
1
IEN1
0
R/W
IENR1 is an 8-bit read/write register that enables or disables interrupt requests.
Bit 7: Timer A interrupt enable (IENTA)
Bit 7 enables or disables timer A overflow interrupt requests.
Bit 7
IENTA
Description
0
Disables timer A interrupt requests
(initial value)
1
Enables timer A interrupt requests
Bit 6: Reserved bit
Bit 6 is a readable/writable reserved bit. It is initialized to 0 by a reset.
Bit 5: Wakeup interrupt enable (IENWP)
Bit 5 enables or disables WKP
7 to WKP0 interrupt requests.
Bit 5
IENWP
Description
0
Disables
WKP
7 to WKP0 interrupt requests
(initial value)
1
Enables
WKP
7 to WKP0 interrupt requests



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com