Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H838532H Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # H838532H
Description  16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838532H Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button H838532H Datasheet HTML 28Page - Renesas Technology Corp H838532H Datasheet HTML 29Page - Renesas Technology Corp H838532H Datasheet HTML 30Page - Renesas Technology Corp H838532H Datasheet HTML 31Page - Renesas Technology Corp H838532H Datasheet HTML 32Page - Renesas Technology Corp H838532H Datasheet HTML 33Page - Renesas Technology Corp H838532H Datasheet HTML 34Page - Renesas Technology Corp H838532H Datasheet HTML 35Page - Renesas Technology Corp H838532H Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 508 page
background image
Section 1 Overview
Rev. 1.00 May 30, 2008 Page 12 of 484
REJ09B0436-0100
Pin No.
Type
Symbol
FP-80A, TFP-80C I/O
Name and Functions
PB7 to PB0 1, 80 to 74
Input
Port B: This is an 8-bit input port.
P43
72
Input
Port 4 (bit 3): This is a 1-bit input port.
P42 to P40 71 to 69
I/O
Port 4 (bits 2 to 0): This is a 3-bit I/O port.
Input or output can be designated for each
bit by means of port control register 4
(PCR4).
PA3 to PA0 33 to 36
I/O
Port A: This is a 4-bit I/O port. Input or
output can be designated for each bit by
means of port control register A (PCRA).
P17 to P10 17 to 10
I/O
Port 1: This is an 8-bit I/O port. Input or
output can be designated for each bit by
means of port control register 1 (PCR1).
P37 to P30 25 to 18
I/O
Port 3: This is an 8-bit I/O port. Input or
output can be designated for each bit by
means of port control register 3 (PCR3).
When the on-chip emulator is used, pin
P32 is reserved for use exclusively by the
emulator and therefore cannot be
accessed by the user. With the flash
memory version, pull up pin P32 to high
level to cancel a reset in the in the user
mode.
P57 to P50 44 to 37
I/O
Port 5: This is an 8-bit I/O port. Input or
output can be designated for each bit by
means of port control register 5 (PCR5).
P67 to P60 52 to 45
I/O
Port 6: This is an 8-bit I/O port. Input or
output can be designated for each bit by
means of port control register 6 (PCR6).
P77 to P70 60 to 53
I/O
Port 7: This is an 8-bit I/O port. Input or
output can be designated for each bit by
means of port control register 7 (PCR7).
I/O ports
P87 to P80 68 to 61
I/O
Port 8: This is an 8-bit I/O port. Input or
output can be designated for each bit by
means of port control register 8 (PCR8).
When the on-chip emulator is used, pins
P85, P86, and P87 are reserved for use
exclusively by the emulator and therefore
cannot be accessed by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com