Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H838532H Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # H838532H
Description  16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838532H Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button H838532H Datasheet HTML 97Page - Renesas Technology Corp H838532H Datasheet HTML 98Page - Renesas Technology Corp H838532H Datasheet HTML 99Page - Renesas Technology Corp H838532H Datasheet HTML 100Page - Renesas Technology Corp H838532H Datasheet HTML 101Page - Renesas Technology Corp H838532H Datasheet HTML 102Page - Renesas Technology Corp H838532H Datasheet HTML 103Page - Renesas Technology Corp H838532H Datasheet HTML 104Page - Renesas Technology Corp H838532H Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 508 page
background image
Section 3 Exception Handling
Rev. 1.00 May 30, 2008 Page 81 of 484
REJ09B0436-0100
3.4.2
Notes on Rewriting Port Mode Registers
When a port mode register is rewritten to switch the functions of external interrupt pins, the
following points should be observed.
When an external interrupt pin function is switched by rewriting the port mode register that
controls pins
IRQ
4 to IRQ0, WKP7 to WKP0, the interrupt request flag may be set to 1 at the time
the pin function is switched, even if no valid interrupt is input at the pin. Be sure to clear the
interrupt request flag to 0 after switching pin functions. Table 3.5 shows the conditions under
which interrupt request flags are set to 1 in this way.
Table 3.5
Conditions Under which Interrupt Request Flag is Set to 1
Interrupt Request
Flags Set to 1
Conditions
IRR1
IRRI4
When PMR1 bit IRQ4 is changed from 0 to 1 while pin
IRQ
4 is low and IEGR bit IEG4 = 0.
When PMR1 bit IRQ4 is changed from 1 to 0 while pin
IRQ
4 is low and IEGR bit IEG4 = 1.
IRRI3
When PMR1 bit IRQ3 is changed from 0 to 1 while pin
IRQ
3 is low and IEGR bit IEG3 = 0.
When PMR1 bit IRQ3 is changed from 1 to 0 while pin
IRQ
3 is low and IEGR bit IEG3 = 1.
IRRI2
When PMR1 bit IRQ2 is changed from 0 to 1 while pin
IRQ
2 is low and IEGR bit IEG2 = 0.
When PMR1 bit IRQ2 is changed from 1 to 0 while pin
IRQ
2 is low and IEGR bit IEG2 = 1.
IRRI1
When PMR1 bit IRQ1 is changed from 0 to 1 while pin
IRQ
1 is low and IEGR bit IEG1 = 0.
When PMR1 bit IRQ1 is changed from 1 to 0 while pin
IRQ
1 is low and IEGR bit IEG1 = 1.
IRRI0
When PMR3 bit IRQ0 is changed from 0 to 1 while pin
IRQ
0 is low and IEGR bit IEG0 = 0.
When PMR3 bit IRQ0 is changed from 1 to 0 while pin
IRQ
0 is low and IEGR bit IEG0 = 1.
IWPR
IWPF7
When PMR5 bit WKP7 is changed from 0 to 1 while pin
WKP
7 is low.
IWPF6
When PMR5 bit WKP6 is changed from 0 to 1 while pin
WKP
6 is low.
IWPF5
When PMR5 bit WKP5 is changed from 0 to 1 while pin
WKP
5 is low.
IWPF4
When PMR5 bit WKP4 is changed from 0 to 1 while pin
WKP
4 is low.
IWPF3
When PMR5 bit WKP3 is changed from 0 to 1 while pin
WKP
3 is low.
IWPF2
When PMR5 bit WKP2 is changed from 0 to 1 while pin
WKP
2 is low.
IWPF1
When PMR5 bit WKP1 is changed from 0 to 1 while pin
WKP
1 is low.
IWPF0
When PMR5 bit WKP0 is changed from 0 to 1 while pin
WKP
0 is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com