Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 504 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 504 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 500Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 501Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 502Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 503Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 504Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 505Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 506Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 507Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 508Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 504 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 472 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
value
R/W
Description
4, 3
All 0
R
Reserved
They are always read as 0 and cannot be modified.
2
1
0
EDMAP2
EDMAP1
EDMAP0
0
0
0
R/W
R/W
R/W
EXDMA Priority Levels 2 to 0
Selects the EXDMAC priority level when using the CPU
priority control function over DTC and EXDMAC. When
the EXDMAC priority level is lower than the CPU
priority level, EXDMAC masks the acceptance of
transfer source and waits until the CPU priority level
becomes low. The priority level can be set
independently for each channel. This bit is enabled
when the CPUPCE bit in CPUPCR is 1.
000: Priority level 0 (lowest)
001: Priority level 1
010: Priority level 2
011: Priority level 3
100: Priority level 4
101: Priority level 5
110: Priority level 6
111: Priority level 7 (highest)
Note:
*
Only 0 can be written to these bits after 1 is read to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com