Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 506 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 506 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 502Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 503Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 504Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 505Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 506Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 507Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 508Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 509Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 510Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 506 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 474 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
value
R/W
Description
29 to 27
All 0
R
Reserved
They are always read as 0 and cannot be modified.
26
RPTIE
0
R/W
Repeat Size End Interrupt Enable
Enables or disables a repeat size end interrupt request.
When this bit is set to 1 and the next transfer source is
generated at the end of a repeat-size transfer in repeat
transfer mode, the DTE bit in EDMDR is cleared to 0. At
the same time, the ESIF bit in EDMDR is set to 1 to
indicate that a repeat size end interrupt is requested.
Even if the repeat area is not specified (ARS1, ARS0 =
B'10), the repeat size end interrupt can be requested at
the end of a repeat-size transfer.
When this bit is set to 1 and the next transfer source is
generated at the end of a block- or cluster-size transfer
in block transfer or cluster transfer mode, the DTE bit in
EDMDR is cleared to 0. At the same time, the ESIF bit
in EDMDR is set to 1 to indicate that the repeat size
end interrupt is requested.
0: Repeat size end interrupt request disabled
1: Repeat size end interrupt request enabled
25
24
ARS1
ARS0
0
0
R/W
R/W
Area Select 1 and 0
Select the block area or repeat area in block transfer,
repeat transfer or cluster transfer mode.
00: Block area/repeat area on the source address side
01: Block area/repeat area on the destination address
side
10: Block area/repeat area not specified
11: Setting prohibited
23, 22
All 0
R
Reserved
They are always read as 0 and cannot be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com