Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 505 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 505 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 501Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 502Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 503Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 504Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 505Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 506Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 507Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 508Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 509Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 505 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 473 of 1468
REJ09B0412-0200
11.3.7
EXDMA Address Control Register (EDACR)
EDACR sets the operating modes and transfer methods.
31
AMS
0
R/W
30
DIRS
0
R/W
29
0
R
28
0
R
27
0
R
24
ARS0
0
R/W
26
RPTIE
0
R/W
25
ARS1
0
R/W
Bit
Bit Name
Initial Value
R/W
23
0
R
22
0
R
21
SAT1
0
R/W
20
SAT0
0
R/W
19
0
R
16
DAT0
0
R/W
18
0
R
17
DAT1
0
R/W
Bit
Bit Name
Initial Value
R/W
15
SARIE
0
R/W
14
0
R
13
0
R
12
SARA4
0
R/W
11
SARA3
0
R/W
8
SARA0
0
R/W
10
SARA2
0
R/W
9
SARA1
0
R/W
Bit
Bit Name
Initial Value
R/W
7
DARIE
0
R/W
6
0
R
5
0
R
4
DARA4
0
R/W
3
DARA3
0
R/W
0
DARA0
0
R/W
2
DARA2
0
R/W
1
DARA1
0
R/W
Bit
Bit Name
Initial Value
R/W
Bit
Bit Name
Initial
value
R/W
Description
31
AMS
0
R/W
Address Mode Select
Selects single address mode or dual address mode.
When single address mode is selected,
EDACK pin is
valid due to the EDACKE bit setting in EDMDR.
0: Dual address mode
1: Single address mode
30
DIRS
0
R/W
Single Address Direction Select
Specifies the data transfer direction in single address
mode. In dual address mode, the specification by this
bit is ignored.
In cluster transfer mode, the internal cluster buffer will
be the source or destination in place of the external
device with
DACK.
0: EDSAR transferred as a source address
1: EDDAR transferred as a destination address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com