Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 712 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 712 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 708Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 709Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 710Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 711Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 712Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 713Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 714Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 715Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 716Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 712 / 1504 page
background image
Section 13 I/O Ports
Rev. 2.00 Sep. 24, 2008 Page 680 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Description
1
ITS1
0
R/W
IRQ1 Pin Select
Selects an input pin for
IRQ1.
0: Selects pin P11 as
IRQ1-A input
1: Selects pin P51 as
IRQ1-B input
0
ITS0
0
R/W
IRQ0 Pin Select
Selects an input pin for
IRQ0.
0: Selects pin P10 as
IRQ0-A input
1: Selects pin P50 as
IRQ0-B input
13.3.12
Port Function Control Register D (PFCRD)
PFCRD enables/disables the pin functions of ports J and K.
Bit
Bit Name
Initial Value
R/W
7
PCJKE*
0
R/W
6
0
R/W
5
0
R/W
4
0
R/W
3
0
R/W
2
0
R/W
1
0
R/W
0
0
R/W
Bit
Bit Name
Initial
Value
R/W
Description
7
PCJKE*
0
R/W
Ports J and K Enable
Enables/disables ports J and K.
0: Ports J and K are disabled
1: Ports J and K are enabled
6 to 0
0
R/W
Reserved
These bits are always read as 0 and cannot be
modified. The initial values should not be changed.
Note:
*
This bit is valid during single-chip mode. The initial value should not be changed except
for the single-chip mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com